Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices ADM3058EBRIZ Datasheet HTML 11Page - Analog Devices ADM3058EBRIZ Datasheet HTML 12Page - Analog Devices ADM3058EBRIZ Datasheet HTML 13Page - Analog Devices ADM3058EBRIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADM3058E
Data Sheet
Rev. A | Page 10 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
25
30
35
40
45
50
55
60
012
34
5
678
9
10 11 12 13 14 15
DATA RATE (Mbps)
VDD2 = 4.5V
VDD2 = 5V
VDD2 = 5.5V
Figure 6. Supply Current (IDD2) vs. Data Rate
80
90
100
110
120
130
140
150
160
170
180
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 7. Receiver Input Hysteresis vs. Temperature
27
29
31
33
35
37
39
41
43
45
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD1 = 5.0V
VDD1 = 3.3V
VDD1 = 2.5V
VDD1 = 1.8V
Figure 8. tTXD_DOM vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
39
41
43
45
47
49
51
53
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 9. tTXD_REC vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
105
110
115
120
125
130
135
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 10. tLOOP_RISE vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
105
110
115
120
125
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 11. tLOOP_FALL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com