Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices ADM3058EBRIZ Datasheet HTML 10Page - Analog Devices ADM3058EBRIZ Datasheet HTML 11Page - Analog Devices ADM3058EBRIZ Datasheet HTML 12Page - Analog Devices ADM3058EBRIZ Datasheet HTML 13Page - Analog Devices ADM3058EBRIZ Datasheet HTML 14Page - Analog Devices ADM3058EBRIZ Datasheet HTML 15Page - Analog Devices ADM3058EBRIZ Datasheet HTML 16Page - Analog Devices ADM3058EBRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 13 of 18
TERMINOLOGY
IDD1
IDD1 is the current drawn by the VDD1 pin.
IDD2
IDD2 is the current drawn by the VDD2 pin.
VOD and VID
VOD and VID are the differential voltages from the transmitter or
at the receiver on the CANH and CANL pins.
tTXD_DOM
tTXD_DOM is the propagation delay from a low signal on TXD to
transition the bus to a dominant state.
tTXD_REC
tTXD_REC is the propagation delay from a high signal on TXD to
transition the bus to a recessive state.
tLOOP_FALL
tLOOP_FALL is the propagation delay of a low signal on the TXD pin to
the bus dominant. tLOOP_FALL transitions low on the RXD pin.
tLOOP_RISE
tLOOP_RISE is the propagation delay of a high signal on TXD to the
bus recessive. tLOOP_RISE transitions high on the RXD pin.
tBIT_TXD
tBIT_TXD is the bit time at the TXD pin as transmitted by the CAN
controller. See Figure 2 for level definitions.
tBIT_BUS
tBIT_BUS is the bit time as transmitted by the transceiver to the
bus. When compared with a given tBIT_TXD, a measure of bit
symmetry from the TXD digital isolation channel and CAN
transceiver can be determined. See Figure 2 for level definitions.
tBIT_RXD
tBIT_RXD is the bit time on the RXD output pin, which can be
compared with tBIT_TXD for a round trip measure of pulse width
distortion through the TXD digital isolation channel, the CAN
transceiver, and back through the RXD isolation channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com