Electronic Components Datasheet Search
  English  ▼

X  

ADM3058EBRIZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3058EBRIZ
Description  5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3058EBRIZ Datasheet(HTML) 5 Page - Analog Devices

  ADM3058EBRIZ Datasheet HTML 1Page - Analog Devices ADM3058EBRIZ Datasheet HTML 2Page - Analog Devices ADM3058EBRIZ Datasheet HTML 3Page - Analog Devices ADM3058EBRIZ Datasheet HTML 4Page - Analog Devices ADM3058EBRIZ Datasheet HTML 5Page - Analog Devices ADM3058EBRIZ Datasheet HTML 6Page - Analog Devices ADM3058EBRIZ Datasheet HTML 7Page - Analog Devices ADM3058EBRIZ Datasheet HTML 8Page - Analog Devices ADM3058EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
ADM3058E
Rev. A | Page 5 of 18
TIMING SPECIFICATIONS
All voltages are relative to their respective ground, 1.7 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless
otherwise noted. Typical specifications are at VDD1 = VDD2 = 5 V and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
See Figure 2 and Figure 17, tBIT_TXD1 = 200 ns, RL = 60 Ω,
load capacitance (CL) = 100 pF
Maximum Data Rate
12
Mbps
Propagation Delay from TXD to Bus
Recessive to Dominant
tTXD_DOM
35
60
ns
Dominant to Recessive
tTXD_REC
45
70
ns
Transmit Dominant Timeout
tDT
1175
4000
μs
TXD low, see Figure 3
RECEIVER
See Figure 2 and Figure 19, tBIT_TXD = 200 ns, RL = 60 Ω,
CL = 100 pF, CRXD = 15 pF
Loop Propagation Delay
Falling Edge (TXD to RXD)
tLOOP_FALL
155
ns
Rising Edge (TXD to RXD)
tLOOP_RISE
155
ns
Loop Delay Symmetry (Minimum
Recessive Bit Width)
tBIT_RXD
2 Mbps
450
550
ns
tBIT_TXD = 500 ns
5 Mbps
160
220
ns
tBIT_TXD = 200 ns
8 Mbps
85
140
ns
tBIT_TXD = 125 ns
12 Mbps
50
91.6
ns
tBIT_TXD = 83.3 ns
1 tBIT_TXD is the bit time at the TXD pin as transmitted by the CAN controller.
Timing Diagrams
TXD
0.3VDD1
0.3VDD1
0.3VDD1
0.7VDD1
0.5V
0.9V
VDD1
VDD1
0V
0V
5 ×
tBIT_TXD
tTXD_REC
tTXD_DOM
tBIT_BUS
tBIT_RXD
tBIT_TXD
tLOOP_FALL
tLOOP_RISE
RXD
VOD/VID
0.7VDD1
Figure 2. Transceiver Timing Diagram
TXD
VOD
tDT
Figure 3. Dominant Timeout, tDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com