Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAF7741 Datasheet HTML 1Page - NXP Semiconductors SAF7741 Datasheet HTML 2Page - NXP Semiconductors SAF7741 Datasheet HTML 3Page - NXP Semiconductors SAF7741 Datasheet HTML 4Page - NXP Semiconductors SAF7741 Datasheet HTML 5Page - NXP Semiconductors SAF7741 Datasheet HTML 6Page - NXP Semiconductors SAF7741 Datasheet HTML 7Page - NXP Semiconductors SAF7741 Datasheet HTML 8Page - NXP Semiconductors SAF7741 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
2 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
2.
Features
2.1 Hardware features
SAF7741HV hardware is configured by firmware and host software to meet specific
customer requirements. The firmware is defined by the Read-Only Memory (ROM) code
associated with each DSP.
Remark: The list below describes the maximum hardware configuration. Customers
should consult with NXP to identify the best method of supporting their own particular
requirements.
Two IF data-paths of either 2
× IF 10.7 MHz or 2 × low IF 300 kHz input
Remark: The combination of 1 x IF and 1 x low IF is not supported.
Two 5th order Sigma-Delta (
ΣΔ) IF ADCs for FM/AM/WB (Weather-band) and digital
radio at either IF = 10.7 MHz or low IF = 300 kHz
IF signal quadrature-mixing and down-sampling with signal level generation
Automatic Gain Control (AGC) of the radio front-end chip in three steps (6 dB for each
step) for the TEF6730 tuner and seven steps (6 dB for each step) for the TEF7000
tuner
AGC control of the TEF6730 tuner front-end PIN diodes, with an analog signal via the
Radio General-Purpose DAC (RGP DAC) output: one DAC for each radio data path
Integrated IF filter with bandwidth of 100 kHz or 400 kHz
Two wideband outputs for external digital radio decoding; one output for each
data-path
Two Radio Data System (RDS) decoders
Five bit-stream, 3rd order audio,
ΣΔ ADCs with an anti-aliasing broadband input-filter
Eight configurable analog inputs (differential/stereo/mono) connected to any of the five
ADCs using an analog switchbox
Dedicated DSP for the Sample Rate Converter (SRC)
Audio Host Inter-IC Sound (IIS) Input/Output (I/O) port, with eight/ten outputs and eight
inputs with an option for slaving the DSP to an external master sample-rate
Audio Host IIS Bit-Clock (BCK) and Word-Size (WS) available simultaneously at
full-rate and half-rate
Four independent IIS inputs and two independent digital Sony/Philips Digital Interface
Format (SPDIF) inputs also configurable for Digital Versatile Disc/Digital Video Device
(DVD) multi-channel data inputs
Radio Host IIS master with separate data in and out lines
IIS output with buffer for eight samples for radio applications
WatchDog (WDOG) to monitor execution of the DSP main software loop
Phase-Lock Loop (PLL) to generate the DSP clock from the oscillator crystal
PLL to generate the audio reference sample-rate clock
Internal voltage regulator for the 1.8 V supply
I2C (Inter-IC Communication) bus-controlled
Possibility of powering down unused blocks to reduce power dissipation
Qualified in accordance with AEC-Q100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com