Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 45Page - NXP Semiconductors SAF7741 Datasheet HTML 46Page - NXP Semiconductors SAF7741 Datasheet HTML 47Page - NXP Semiconductors SAF7741 Datasheet HTML 48Page - NXP Semiconductors SAF7741 Datasheet HTML 49Page - NXP Semiconductors SAF7741 Datasheet HTML 50Page - NXP Semiconductors SAF7741 Datasheet HTML 51Page - NXP Semiconductors SAF7741 Datasheet HTML 52Page - NXP Semiconductors SAF7741 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
49 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
7.8 Common system descriptions
This section provides descriptions of certain functions and blocks that are not exclusively
related to either the radio or the audio part of the SAF7741HV.
7.8.1 Oscillator
The SAF7741HV has a low-power Pierce oscillator with amplitude control and an inverter
for the gain stage. The inverter biasing together with capacitive input coupling gives the
gain stage Class C operation. When the circuit is oscillating there are sine waves at the
input (osc_in) and at the output (osc_out) with Vpp close to the 1.8 V oscillator supply Vdd.
The sine wave at the input and the output is converted by a low-jitter comparator into a
CMOS-compatible clock.
The oscillator block diagram is shown in Figure 35. The crystal should be connected to the
PCB as close as possible to the oscillator input and output pins of the chip. Care must
also be taken to make sure that the load capacitors Cx1 and Cx2 and OSC_REF_N have
a common ground plain. Loops must be made as small as possible in order to minimize
noise coupling to the crystal nodes, and in addition parasitics should be kept as small as
possible.
Lx3 and Cx3 have to be added when the crystal is used at the third overtone frequency.
Table 20 gives specifications for fundamental and third-overtone frequency crystals. CL is
the typical load capacitance of the crystal and is usually specified by the manufacturer.
The actual CL influences the oscillation frequency. Using a crystal manufactured for a
different load capacitance will cause the circuit to oscillate at a slightly different frequency
(dependent on the quality of the crystal) from the specified one. Therefore, to obtain an
accurate time reference, it is advisable to use the load capacitors specified in Table 20. In
addition to start-up problems, the use of values other than those quoted can lead to
performance degradation due to an unstable clock reference.
Lx3 and Cx3 should be connected only in combination with 3rd overtone crystals
Fig 35. Oscillator block diagram
CLKOUT
ON CHIP
OFF CHIP
OSC OUT
Lx3
Cx2
Cx1
COMMON GROUND PLANE
Xtal
OSC IN
Rbias
Gm
AGC
COMP
Cx3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com