Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 8Page - NXP Semiconductors SAF7741 Datasheet HTML 9Page - NXP Semiconductors SAF7741 Datasheet HTML 10Page - NXP Semiconductors SAF7741 Datasheet HTML 11Page - NXP Semiconductors SAF7741 Datasheet HTML 12Page - NXP Semiconductors SAF7741 Datasheet HTML 13Page - NXP Semiconductors SAF7741 Datasheet HTML 14Page - NXP Semiconductors SAF7741 Datasheet HTML 15Page - NXP Semiconductors SAF7741 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
12 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
• Dual tuner, which offers antenna, phased-array or MPX diversity
• Single tuner on the smallest possible hardware set: preferably one DSP
7.1.1 IFADCs
For each tuner path two fully differential
ΣΔ IFADCs are used for the I and Q paths. For
each IFADC two fully differential input nodes are fed with a 300 kHz input signal. This
design provides good suppression of even harmonics. The noise is shaped by a 5th order
loop filter to get sufficient resolution in the band of interest, and for complex filtering the
input signal of the I and Q paths has a 90
° phase shift.
The IFADCs are sampled by a 41.6 MHz clock. The output is a 1-bit bitstream signal with
a frequency of 41.6 MHz (see Figure 4).
7.1.1.1
TEF6730 tuner compatibility mode
In this mode the IF input signal is 10.7 MHz differential. The mixer is in front of the IFADC,
and this converts the input signal down to 300 kHz using a quadrature 10.4 MHz square
wave. The 300 kHz down-converted signal is then fed to the IFADCs as I and Q signals.
Switching to TEF6730 tuner compatibility mode is performed via the I2C interface and is
only available to the microprocessor.
7.1.2 Primary decimation chain
The PDC (see Figure 5) decimates the incoming sample rate from the IFADC, shifts the
signal to baseband and applies Amplitude Gain Control (AGC) step compensation, linear
AGC correction and IQ Correction (IQC).
Fig 4.
Simplified block diagram of an IFADC
10.4 MHz
41.6 MHz
IFADINPP
IFADINPP
MIXER
Gm
LOOP
FILTER
QUANTIZER
VOUT
DAC
41.6 MHz
RDAC
RDAC
Rin
Rin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com