Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 9Page - NXP Semiconductors SAF7741 Datasheet HTML 10Page - NXP Semiconductors SAF7741 Datasheet HTML 11Page - NXP Semiconductors SAF7741 Datasheet HTML 12Page - NXP Semiconductors SAF7741 Datasheet HTML 13Page - NXP Semiconductors SAF7741 Datasheet HTML 14Page - NXP Semiconductors SAF7741 Datasheet HTML 15Page - NXP Semiconductors SAF7741 Datasheet HTML 16Page - NXP Semiconductors SAF7741 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
13 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
The PDC decimates the incoming signal by 16 before shifting it to the baseband and
creating two paths: ‘wanted’ and ‘image’. After another decimation by two, the AGC stage
takes place to compensate for the tuner gain-reduction steps. The linear gain control
stage makes sure that there is maximum use of the dynamic range. After another
decimation by two the IQC stage takes place to compensate for imperfections in the
analog mixer of the tuner by measuring and correcting possible aliases between the
wanted and image signals. The PDC settings allow for different IF bandwidth corrections
and for local oscillator swap of the TEF7000. Communication between the tuner and
SAF7741HV uses the proprietary two-line LD interface for AGC, injection-mode and
bandwidth settings.
The PDC has two data outputs: one parallel inteface to the TDSPs and one I2S-like
interface to the external digital radio co-processor.
7.1.2.1
PDC Input
The PDC input is a complex bit stream from the 5th order converter. The I and Q bit
streams each have a sample rate of 41.6 MSa/s.
7.1.2.2
Input decimation
The input sample rate of 41.6 MSa/s is decimated by 16 MSa/s to 2.6 MSa/s.
7.1.2.3
Shift-to-baseband mixer
For the wanted signal, the TEF7000 tuner has an IF frequency of 300 kHz for FM and
60 kHz for AM: for the image signal these values are
−300 kHz and −60 kHz respectively.
The shift-to-baseband mixer shifts the wanted signal by
−fmix to baseband and the image
signal by
+fmix. The mixer has two independent registers for the wanted frequency
alignment:
• fmix_0 with high-side injection
• fmix_1 with low-side injection
In TEF6730 mode fmix_0 and fmix_1 are 300 kHz for both FM and AM
Fig 5.
Block diagram of the PDC
IQC
AGC
PDC
IQ FROM IFADC
TO DSP
I2S
TUNER
DSP
I2C
TO DIGITAL RADIO COPROCESSOR
LD INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com