Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 30Page - NXP Semiconductors SAF7741 Datasheet HTML 31Page - NXP Semiconductors SAF7741 Datasheet HTML 32Page - NXP Semiconductors SAF7741 Datasheet HTML 33Page - NXP Semiconductors SAF7741 Datasheet HTML 34Page - NXP Semiconductors SAF7741 Datasheet HTML 35Page - NXP Semiconductors SAF7741 Datasheet HTML 36Page - NXP Semiconductors SAF7741 Datasheet HTML 37Page - NXP Semiconductors SAF7741 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
34 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
7.2.4 Audio ADC decimator paths (DAD)
7.2.4.1
Functional description
Decimation of the audio ADC signals is completed in a block called DAD. This block can
handle the signals from two ADCs, so a stereo signal can be processed.
The input signal has a sample frequency of 128
× fs and comes from a third-order ΣΔ
ADC. The first step in the decimation process is done by the 1-bit code Cascaded
Integrator Comb (CIC) filter and Audio Decimation Filter 1 (ADF1) filter. See Figure 26.
The CIC filter decimates the input sample rate by a factor of 16 and thus results in a
sample rate of 8
× fs.
After the 1-bit code filter, sample reworking is necessary to enter the CEAD block and the
ADF2. The CEAD block further decimates the audio samples by 8, giving a sample rate of
1
× fs. The overall gain in the pass band of the decimation filter (including the CIC filter
and the CEAD block) becomes 4.85 dB. A nominal input level of
−8.45 dB comes from the
ADC and results in a
−3.6 dB level after decimation.
Fig 25. Single-ended input
PHONE
PHONE
NEGATIVE
220nF
8.2 k
Ω
22uF
AIN3
AIN3_REF
VREFAD
ADX
anselX
gndselX
dif_swX
Ri
Ri
Ri
10 k
Ω
1nF
Fig 26. DAD block diagram
CEAD
BLOCK
CEAD
INTERFACE
1 Bit CODE
FILTER
CONTROL
Enable DC FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com