Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 35Page - NXP Semiconductors SAF7741 Datasheet HTML 36Page - NXP Semiconductors SAF7741 Datasheet HTML 37Page - NXP Semiconductors SAF7741 Datasheet HTML 38Page - NXP Semiconductors SAF7741 Datasheet HTML 39Page - NXP Semiconductors SAF7741 Datasheet HTML 40Page - NXP Semiconductors SAF7741 Datasheet HTML 41Page - NXP Semiconductors SAF7741 Datasheet HTML 42Page - NXP Semiconductors SAF7741 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
39 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
7.4.1.1
General description of the SPDIF inputs
The design fulfils the requirements of the IEC60958 Digital Audio Interface specification
(see Ref. 6) except for the input voltage, which is required to have a digital level. The
interface is compliant with the electrical limitations of the pins (see Table 23).
There are two SPDIF independent input pins with their own SPDIF receivers. This means
that two SPDIF signals can be processed in parallel.
The SPDIF receiver is not fitted with an analog PLL. The incoming SPDIF stream is
sampled at a high frequency in the digital domain. From the SPDIF signal a 3-wire (I2S-
like) serial bus is made consisting of word-select, data and bitclock lines. The Fs
frequency depends solely on the accuracy of the SPDIF signal input.
This design does not handle the user data bits of the SPDIF stream. The audio field of up
to 24 bits is available at its output. The audio bits are always decoded regardless of any
status bits; e.g. copy-protected, professional mode or data mode. However, a subset of
the channel status bits is decoded and made available to the ADSP and the SDSP. In
addition, the 'validity' bit is available. This means that the ADSP can prevent non-PCM
audio or data being processed as audio. See the relevant tables in Ref. 3 for the exact
channel status bits supported. The supported bits are extracted from the left channel only.
SPDIF format: The SPDIF format was conceived to transport 2-channel PCM audio for
distances of up to several hundred metres over a 3-wire balanced line. Alternatively the
signal could be carried for shorter distances over a 2-wire pair.
The SPDIF format can be partitioned into two main layers:
• The abstract model of frames and blocks
• The channel modulation
SPDIF channel modulation: The digital signal is coded using Bi-phase Mark Coding
(BMC), which is a type of phase modulation. In this scheme a logical 1 in the data
corresponds to two zero crossings in the coded signal and a logical 0 to one zero
crossing.
Since a logic 1 implies two transitions in the BMC signal, a clock at twice the bit rate
assumes the use of all rising signal edges.
SPDIF sample rates: The IEC60958 specification allows the use of sample rates from
22.05 kHz to 192 kHz. The SAF7741HV is designed to support a very wide range of
sample rates, but there are restrictions with respect to the processing power of the SDSP
Fig 29. Bi-phase mark coding
Clock
Data
BMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com