Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 7Page - NXP Semiconductors SAF7741 Datasheet HTML 8Page - NXP Semiconductors SAF7741 Datasheet HTML 9Page - NXP Semiconductors SAF7741 Datasheet HTML 10Page - NXP Semiconductors SAF7741 Datasheet HTML 11Page - NXP Semiconductors SAF7741 Datasheet HTML 12Page - NXP Semiconductors SAF7741 Datasheet HTML 13Page - NXP Semiconductors SAF7741 Datasheet HTML 14Page - NXP Semiconductors SAF7741 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
11 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
7.
Functional description
7.1 Radio subsystem
The complete radio system is able to receive FM, AM, Weatherband, RDS and FM/AM
digital radio. The SAF7741HV radio section will incorporate the following features (see
Figure 1):
• Two IFADCs to digitize the incoming analog IF signals from the tuner(s)
• Two Primary Decimation Chains (PDCs) for analog and digital radio reception,
including digital mixing to Zero IF (ZIF)
• Software-based radio functionality running on one or more DSPs depending on the
features set and dual or single tuner usage
The IFADC digitizes the incoming Near-Zero Intermediate Frequency (NZIF) signals. The
IFADC is a baseband
ΣΔ ADC.
The PDC decimates the incoming data stream by a factor of 128 before passing it to the
software radio for processing.
For digital radio reception the PDC decimates the incoming data stream by 64 before it is
forwarded to the external co-processor.
The software radio consists of three Tuner DSPs: TDSP1, TDSP2 and TDSP1E. All three
TDSPs have a basically identical structure, but TDSP1 and TDSP2 are extended with:
• A Finite Impulse Response (FIR) filter
• CORDIC (COordinate Rotation DIgital Calculation) Rotate and De-rotate (CRD)
TDSP1E is extended with a CRD only. Each FIR (controlled by the TDSP) is used for
variable bandwidth control and for the Polar-to-Rectangular (P->R), Rectangular-to-Polar
(R->P) and DIV conversions that will be used for demodulation. Added to this block is a
2LOG(LD(x)) function.
In addition, a Radio General-Purpose DAC (RGPDAC) and an RDS decoder are included
for each tuner channel.
The SAF7741HV chip is capable of handling full dual radio. Depending on the firmware,
several such configurations are possible:
• Dual radio with two stereo-audio output channels. The attainable performance
depends on the DSP tuner firmware. The available feature set is less than that for
one-channel radio
vddi
VDD pad connected to CORE VDD and internal VDD supply rail in I/O ring
vssi
VSS pad connected to CORE VSS and internal VSS supply rail in I/O ring
vsse
VSS pad connected to external (noisy) VSS supply rail
vssis
VSS pad connected to CORE VSS, internal VSS supply rail in I/O ring and substrate rail in I/O ring
vssco
VSS pad connected to CORE VSS
Table 3.
Pad name description …continued
Pad Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com