Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 17Page - NXP Semiconductors SAF7741 Datasheet HTML 18Page - NXP Semiconductors SAF7741 Datasheet HTML 19Page - NXP Semiconductors SAF7741 Datasheet HTML 20Page - NXP Semiconductors SAF7741 Datasheet HTML 21Page - NXP Semiconductors SAF7741 Datasheet HTML 22Page - NXP Semiconductors SAF7741 Datasheet HTML 23Page - NXP Semiconductors SAF7741 Datasheet HTML 24Page - NXP Semiconductors SAF7741 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
21 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
7.1.4 RGP DAC
RGP digital-to-analog conversion is performed by a 10-bit DAC with a buffered output.
This is part of the radio subsystem and can be used for various functions linked to the
radio domain.
A double buffered interface is located between the DSP and the RGP DAC. The buffer is
2
× 8 words in length, which means that data with a maximum sample rate of 8 Fs (i.e.
325 kHz) can be transferred to the output when the DSP is running at 1 Fs (i.e.
40.625 kHz).
7.1.4.1
TEF6730 tuner compatibility
In TEF6730 tuner compatibility mode the general-purpose DAC can be used for
controlling the PIN diode in front of the tuner. In addition to its digital AGC function this
operates as second-level gain correction for the IFADC.
7.1.5 Radio Data System demodulator/decoder
7.1.5.1
General description
There are two Radio Data System (RDS) demodulation and decoder systems available on
the SAF7741HV. The description below applies to each of them.
The RDS function recovers the additional and inaudible RDS information transmitted by
FM radio broadcasting. The operational functions of the demodulator and the decoder are
in accordance with EBU specification EN50067.
The function processes the RDS signal frequency-multiplexed within the stereo MultiPleX
(MPX) signal to recover the information transmitted over the RDS data channel. This
processing consists of band-pass filtering, demodulation and RDS/ Radio Broadcast Data
System (RBDS) decoding. The RDS band-pass filter discards the audio content from the
input signal and reduces the bandwidth.
The RDS demodulator regenerates the raw RDS bitstream (bit rate = 1187.5 Hz) from the
modulated RDS signal. Connection to the RDS/RBDS decoder is by means of the DSP
flags (see Figure 15).
Under I2C control via bit rds_clkin an internal buffer can be used to read out the raw RDS
stream in bursts of 16 bits. With the I2C bit rds_clkout the RDS clock can be either
enabled or switched off.
Fig 14. Digital radio I2S output format
DR_Q_DAT
DR_I_DAT
DR_BCK
DR_WS
LSBMSB
LSBMSB
LSBMSB
LSBMSB
LSBMSB
LSBMSB
SAMPLE n
−1
SAMPLE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com