Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 4Page - NXP Semiconductors SAF7741 Datasheet HTML 5Page - NXP Semiconductors SAF7741 Datasheet HTML 6Page - NXP Semiconductors SAF7741 Datasheet HTML 7Page - NXP Semiconductors SAF7741 Datasheet HTML 8Page - NXP Semiconductors SAF7741 Datasheet HTML 9Page - NXP Semiconductors SAF7741 Datasheet HTML 10Page - NXP Semiconductors SAF7741 Datasheet HTML 11Page - NXP Semiconductors SAF7741 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
8 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
RDS_DATA2
51
RDS data output 2
bpts5ptpht5v
RESETN
52
General reset of chip (active low)
bpts5ptpht5v
FS_SYS
53
Fs system clock in/output
bpts10thdt5v
VSS_MEM1
54
Ground supply (digital core)
vssi
VDD_MEM1
55
1.8 V positive supply (memories)
vddcobf
SCL
56
Serial clock input I2C bus
iic3m4sclt5v
SDA
57
Serial data input/output I2C bus
iic3m4sdat5v
VSSQ2
58
Ground supply (peripheral cells)
vsse
VDDQ2
59
3.3 V positive supply (peripheral cells)
vdde
BCK_IN2
60
IIS source 2 Bit Clock input
bpts5ptpht5v
WS_IN2
61
IIS source 2 Word Select input
bpts5ptpht5v
SD_IN2
62
IIS source 2 data input
bpts5ptpht5v
BCK_IN3
63
IIS source 3 Bit Clock input
bpts5ptpht5v
WS_IN3
64
IIS source 3 Word Select input
bpts5ptpht5v
SD_IN3
65
IIS source 3 data input
bpts5ptpht5v
BCK_IN4
66
IIS source 4 Bit Clock input
bpts5ptpht5v
WS_IN4
67
IIS source 4 Word Select input
bpts5ptpht5v
SD_IN4
68
IIS source 4 data input/input SPDIF 1 digital
bpts5ptpht5v
SD_HOST_IN1
69
Host I2S 1 data input
bpts5ptpht5v
SD_HOST_IN2
70
Host I2S 2 data input
bpts5ptpht5v
SD_HOST_IN3
71
Host I2S 3 data input
bpts5ptpht5v
SD_HOST_IN4
72
Host I2S 4 data input
bpts5ptpht5v
SD_HOST_IN5
73
Host I2S 5 data input
bpts5ptpht5v
WS_HOST
74
Host I2S Word Select output/input
bpts10thdt5v
BCK_HOST
75
Host I2S Bit Clock output/input
bpts10thdt5v
SD_HOST_OUT1
76
Host I2S 1 data output
bpts10thdt5v
SD_HOST_OUT2
77
Host I2S 2 data output
bpts10thdt5v
SD_HOST_OUT3
78
Host I2S 3 data output
bpts10thdt5v
SD_HOST_OUT4
79
Host I2S 4 data output
bpts10thdt5v
ADSP_IOF4
80
Audio DSP (ADSP) general purpose I/O flag 4
bpts5ptpht5v
ADSP_IOF5
81
ADSP general purpose I/O flag 5
bpts5ptpht5v
ADSP_IOF6
82
Audio/SCR DSP general purpose I/O flag 6
bpts5ptpht5v
ADSP_IOF7
83
Audio/SRC DSP general purpose I/O flag 7
bpts5ptpht5v
ADSP_IOF8
84
Audio/SRC DSP general purpose I/O flag 8
bpts5ptpht5v
ADSP_IOF9
85
Audio/SRC DSP general purpose I/O flag 9
bpts5ptpht5v
ADSP_IOF10
86
Audio/SRC DSP general purpose I/O flag 10
bpts5ptpht5v
ADSP_IOF11
87
Audio/SRC DSP general purpose I/O flag 11
bpts5ptpht5v
VSSQ3
88
Ground supply (peripheral cells)
vsse
VDDQ3
89
3.3 V positive supply (peripheral cells)
vdde
T1E_BCK
90
Tuner I2S BCK output / digital radio interface 2 bit clock output
bpts10thdt5v
Table 2.
Pin allocation table …continued
Pin Name
Pin
Number
Description
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com