Electronic Components Datasheet Search
  English  ▼

X  

SAF7741 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SAF7741
Description  Dual IF car radio and audio DSP
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7741 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SAF7741 Datasheet HTML 20Page - NXP Semiconductors SAF7741 Datasheet HTML 21Page - NXP Semiconductors SAF7741 Datasheet HTML 22Page - NXP Semiconductors SAF7741 Datasheet HTML 23Page - NXP Semiconductors SAF7741 Datasheet HTML 24Page - NXP Semiconductors SAF7741 Datasheet HTML 25Page - NXP Semiconductors SAF7741 Datasheet HTML 26Page - NXP Semiconductors SAF7741 Datasheet HTML 27Page - NXP Semiconductors SAF7741 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
SAF7741_5
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 05 — 09 May 2008
24 of 83
NXP Semiconductors
SAF7741HV
Dual IF car radio and audio DSP (N1F)
the data remains valid while the clock is high. After 16 falling and 16 rising edges the
whole buffer is read out and the bits are stored by the microprocessor. After a 17th falling
clock edge the data line is set high until the other 16-bit buffer is full. The microprocessor
stops communication by pulling the clock line high again. See Section 14.1.
7.1.5.5
RDS demodulator
The RDS demodulator is implemented in DSP software. See Ref. 1 for details of its
functionality.
Demodulator decoder interface: Communication between the RDS demodulator and
decoder is provided by Economic Parameterized Integrated Cores (EPICS) flags and
consists of four signals as shown in Figure 15.
Remark: Instead of the EPICS flags, the RDS decoder connection register can be used
for demodulator decoder communication. For further details see Ref. 3.
Remark: The current version of the SAF7741HV firmware does not use bslp/bspa
signalling. This is implemented in the hardware, and is therefore mentioned here for
information only.
7.1.6 8Fs I2S interface
The 8Fs I2S interface is used to transform the parallel data outputs of the TDSP1 (24 bits
wide) to serial data in I2S format, and then make that data available at the digital radio
interface 1 (see Figure 16). The TDSP1 has the capability to write data to the interface at
1Fs, 2Fs, 4Fs and 8Fs.
Depending on the flag values, the interface can send data in I2S format at 1Fs, 2Fs, 4Fs,
8Fs and 16Fs.
Table 10.
Signals provided by the demodulator
Name
Description
rdcl
Demodulator clock output.
Generated by the RDS/RBDS demodulator for every RDS/RBDS clock period
(1.1875 kHz). This pulse remains high for about half of an RDS/RBDS clock
period (
∼420 μs). The rising edge of this signal is used as an input shift enable for
the decoder internal data buffer (RDS Data Output [RDDA] bit input).
It is assumed that the RDDA input will remain unchanged for at least one system
clock (10.4 MHz) after a rising RDCL edge.
rdda
Demodulator data output.
Represents the actual RDS/RBDS data bit. The RDDA is shifted into the decoder
module internal data buffer by detection of a rising edge on the RDCL input
signal.
bslp
Bit-Slip (BSLP) detected.
This is set to high for at least one RDS/RBDS clock period (1.1875 kHz), but only
when the demodulator detects a possible BSLP. The BSLP signal itself has to be
reset to low after one RDS/RBDS clock period.
Table 11.
Signals received by the demodulator
Name
Description
bspa
Bit-Slip Process Active (BSPA).
This is set to HIGH when the RDS decoder detects a BSLP: at all other times it is
LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com