Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5941 Datasheet HTML 28Page - Analog Devices AD5941 Datasheet HTML 29Page - Analog Devices AD5941 Datasheet HTML 30Page - Analog Devices AD5941 Datasheet HTML 31Page - Analog Devices AD5941 Datasheet HTML 32Page - Analog Devices AD5941 Datasheet HTML 33Page - Analog Devices AD5941 Datasheet HTML 34Page - Analog Devices AD5941 Datasheet HTML 35Page - Analog Devices AD5941 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
AD5940/AD5941
Data Sheet
Rev. C | Page 32 of 134
Electrochemical Impedance Spectroscopy
In many electrochemical applications, there is significant value
in carrying out a diagnostic measurement. A typical diagnostic
technique is to carry out an impedance measurement on the
sensor. For some sensor types, the dc bias on the sensor must be
maintained during the impedance measurement. The
AD5940/AD5941 facilitates this dc bias. To perform this
measurement, set LPDACCON0, Bit 5 = 1. VZERO0 voltage is set
to the input of the high speed TIA and the high speed DAC
generates an ac signal. The level of the ac signal is set via the
VBIAS0 voltage output of the low power DAC, and the voltage on
SE0 is maintained by VZERO0 voltage. The high speed DAC dc
buffers must also be enabled by setting AFECON, Bit 21.
Low Power DAC in 4-Wire Isolated Impedance
Measurements
For 4-wire isolated impedance measurements, such as body
impedance measurements, a high frequency sinusoidal wave-
form is applied to the sensor via the high speed DAC. A common-
mode voltage is set across the sensor using the low power DAC
6-bit output voltage, VZERO, and the low power TIA. This
configuration sets the common-mode voltage between AIN2 and
AIN3 (see Figure 21). To enable this common-mode voltage
setup, SWMUX, Bit 3, must be set to 1. The VBIAS0 voltage
output of the low power DAC also sets the common-mode
voltage for the high speed DAC excitation buffer.
Figure 21. Low Power DACs Used in a 4-Wire Impedance Measurement (HSTIA_P = Positive Output of High Speed TIA)
LOW POWER DAC CIRCUIT REGISTERS
Table 15. Low Power TIA and Low Power DAC Registers Summary
Address
Name
Description
Reset
Access
0x00002128
LPDACCON0
Low power DAC configuration register
0x00000002
R/W
0x00002124
LPDACSW0
Low power DAC switch control register
0x00000000
R/W
0x00002050
LPREFBUFCON
Low power reference configuration register
0x00000000
R/W
0x0000235C
SWMUX
Common-mode switch mux select register
0x00000000
R/W
0x00002120
LPDACDAT0
Low power DAC data output register
0x00000000
R/W
LPDACCON0 Register—LPDACCON0
Address 0x00002128, Reset: 0x00000002, Name: LPDACCON0
Table 16. Bit Descriptions for LPDACCON0 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:7]
Reserved
Reserved.
0x0
R
6
WAVETYPE
Low power DAC data source. This bit determines the DAC waveform type.
0x0
R/W
0
Direct from LPDACDAT0.
1
Waveform generator.
GAIN
EXCITATION
BUFFER
+
HSTIA
–
ADC/
800kHz
DFT = 2048
FIFO
16MHz
OSC
SEQUENCER
AIN2
AIN3
AIN1
CE0
RTIA
10MΩ
RLIMIT
T2
T9
N2
D5
P5
VCM
HSTIA_P
AD5940/AD5941
CISO1
1.1V
UNKNOWN Z
RACCESS1
CISO3
CISO4
CISO2
RACCESS3
RACCESS4
RACCESS2
AIN4/
LPF0
CLPF
HSDAC
WAVEFORM
GENERATOR
LPDAC0
+
LPTIA
–
RFILTER
CTIA
VZERO
VBIAS
P
N
10MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com