Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5941 Datasheet HTML 19Page - Analog Devices AD5941 Datasheet HTML 20Page - Analog Devices AD5941 Datasheet HTML 21Page - Analog Devices AD5941 Datasheet HTML 22Page - Analog Devices AD5941 Datasheet HTML 23Page - Analog Devices AD5941 Datasheet HTML 24Page - Analog Devices AD5941 Datasheet HTML 25Page - Analog Devices AD5941 Datasheet HTML 26Page - Analog Devices AD5941 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 23 of 134
Figure 13. Low Power TIA Input Bias Current (IBIAS) vs. Temperature
Figure 14. Low Power Potentiostat Input Bias Current vs. Temperature
Figure 15. Electrodermal Activity (EDA) Measurement Relative Error vs.
Impedance
Figure 16. VREF 1.8 V Lifetime Drift
Figure 17. VREF 2.5 V Lifetime Drift
40
–140
–100
–60
–20
20
–120
–80
–40
0
–40
25
60
85
TEMPERATURE (°C)
SE0 = 200mV
SE0 = 1100mV
SE0 = 2100mV
2
–16
–12
–8
–4
0
–14
–10
–6
–2
TEMPERATURE (°C)
RE0 = 200mV
RE0 = 1100mV
RE0 = 2100mV
–40
25
60
85
0.3
–0.3
–0.1
0.1
–0.2
0
0.2
IMPEDANCE (Ω)
BOARD1 ERROR
BOARD2 ERROR
BOARD3 ERROR
100k
300k
500k
800k
1M
2M
4M
8M
10M
1.8165
1.8170
1.8175
1.8180
1.8185
1.8190
1.8195
1.8200
0
200
400
600
800
1000
1200
TIME (Hours)
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
0
200
400
600
800
1000
1200
TIME (Hours)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com