Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5941 Datasheet HTML 35Page - Analog Devices AD5941 Datasheet HTML 36Page - Analog Devices AD5941 Datasheet HTML 37Page - Analog Devices AD5941 Datasheet HTML 38Page - Analog Devices AD5941 Datasheet HTML 39Page - Analog Devices AD5941 Datasheet HTML 40Page - Analog Devices AD5941 Datasheet HTML 41Page - Analog Devices AD5941 Datasheet HTML 42Page - Analog Devices AD5941 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 39 of 134
LOW POWER TIA CIRCUITS REGISTERS
Table 22. Low Power TIA and DAC Registers Summary
Address
Name
Description
Reset
Access
0x000020E4
LPTIASW0
Low power TIA switch configuration
0x00000000
R/W
0x000020EC
LPTIACON0
Low power TIA control bits, Channel 0
0x00000003
R/W
Low Power TIA Switch Configuration Register—LPTIASW0
Address 0x000020E4, Reset: 0x00000000, Name: LPTIASW0
Table 23. Bit Descriptions for LPTIASW0 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:16]
Reserved
Reserved.
0x0
R
15
RECAL
SW15 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
14
Reserved
Reserved.
0x0
R/W
13
SW13
SW13 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
12
SW12
SW12 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
11
SW11
SW11 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
10
SW10
SW10 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
9
SW9
SW9 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
8
SW8
SW8 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
7
SW7
SW7 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
6
SW6
SW6 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
5
SW5
SW5 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
4
SW4
SW4 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
3
SW3
SW3 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
2
SW2
SW2 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com