Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 49 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5941 Datasheet HTML 45Page - Analog Devices AD5941 Datasheet HTML 46Page - Analog Devices AD5941 Datasheet HTML 47Page - Analog Devices AD5941 Datasheet HTML 48Page - Analog Devices AD5941 Datasheet HTML 49Page - Analog Devices AD5941 Datasheet HTML 50Page - Analog Devices AD5941 Datasheet HTML 51Page - Analog Devices AD5941 Datasheet HTML 52Page - Analog Devices AD5941 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 49 of 134
HIGH SPEED TIA CIRCUITS
The high speed TIA measures wide bandwidth input signals up
to 200 kHz.
The output of the high speed TIA is connected to the main ADC
mux, where this output can be programmed as the ADC input
channel.
This block is designed for impedance measurements in
conjunction with the high speed DAC and excitation amplifier.
HIGH SPEED TIA CONFIGURATION
The high speed TIA is disabled by default and is turned on by
setting AFECON [11] = 1. The high speed TIA has programmable
flexibility built into the input signal selection, gain resistor
selection, input load resistor selection, and common-mode
voltage source.
Input Signal Selection
The input signal options are as follows:
•
The SE0 input pin.
•
The AIN0, AIN1, AIN2, and AIN3/BUF_VREF1V8
input pins.
•
The DE0 input pin, which has its own RLOAD/RTIA options
and is user programmable.
Gain Resistor Selection
The gain resistor (RTIA) options are 50 Ω to 160 kΩ for the DE0
input, and 200 Ω to 160 kΩ for all other input pins.
Load Resistor Selection
The load resistor (RLOAD) options are as follows:
•
RLOAD02 and RLOAD04 are fixed 100 Ω for SE0 and AFE3.
•
For the DE0 pin, RLOAD is programmable. The user can
select values from 0 Ω, 10 Ω, 30 Ω, 50 Ω, and 100 Ω.
Common-Mode Voltage Selection
The high speed TIA common-mode voltage setting, on the positive
input to the high speed TIA amplifier, is configurable. The
configuration options are as follows:
•
Internal 1.11 V reference source, which is the same as the
VBIAS_CAP pin voltage.
•
Low power DAC output (VZERO0).
Figure 29 shows the high speed TIA connections to the switch
matrix and external pins. Note the extra load and gain resistors,
RLOAD_DE0 and RTIA_DE0, respectively, available on the DE0 pin.
Figure 29. High Speed TIA Switches
External RTIA Selection
The high speed TIA has the option of selecting an external gain
resistor instead of the internal RTIA gain options. To perform this
selection, connect one end of the resistor to the DE0 pin and
connect the other end to AIN0, AIN1, AIN2, or AIN3/
BUF_VREF1V8. The DE0 pin must be connected to the output
of the high speed TIA.
To use the DE0 pin for the external RTIA value, set the following
register values:
•
DE0RESCON = 0x97.
•
HSRTIACON, Bits[3:0] = 0xF.
AIN0, AIN1, AIN2, or AIN3/BUF_VREF1V8 (whichever pin
the resistor is connected to) must be connected to the inverting
input of the high speed TIA (see the Programmable Switch
Matrix section). When DE0RESCON = 0x97, the RLOAD_DE0 and
RTIA_DE0 resistors are short circuit, which means that the external
RTIA is connected directly to the output of the high speed TIA.
Figure 30. Connecting External RTIA to the High Speed TIA
Tx/TR1
SWITCHES
+
–
RTIA
HIGH SPEED
TRANSIMPEDANCE
AMPLIFIER
CTIA
TR1
NL
T5
T3
T4
T2
T1
TIA INPUT
HSTIA
OUTPUT
N6
RTIA_DE0
RLOAD_DE0
DE0RESCON[7:0]
HSRTIACON[12:5]
HSRTIACON[3:0]
HSRTIACON[4]
SWITCH AND RLOAD
CONTROLLED BY
DE0RESCON[7:0]
T9
T10
DE0
SE0
AIN0
AIN1
AIN2
AIN3
RLOAD_SE0
SW6
+
–
HIGH SPEED
TRANSIMPEDANCE
AMPLIFIER
T5
T3
T4
T2
T1
HSTIA
OUTPUT
DE0RESCON
T9
T10
RTIA
CTIA
HSRTIACON[3:0]
HSRTIACON[12:5]
DE0RESCON[7:0]
RLOAD_DE0
DE0RESCON[7:0]
DE0
AIN1
EXTERNAL
RTIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com