Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5941 Datasheet HTML 9Page - Analog Devices AD5941 Datasheet HTML 10Page - Analog Devices AD5941 Datasheet HTML 11Page - Analog Devices AD5941 Datasheet HTML 12Page - Analog Devices AD5941 Datasheet HTML 13Page - Analog Devices AD5941 Datasheet HTML 14Page - Analog Devices AD5941 Datasheet HTML 15Page - Analog Devices AD5941 Datasheet HTML 16Page - Analog Devices AD5941 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 13 of 134
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resolution2
12
Bits
1 LSB = 293 µV × programmable gain
Differential Nonlinearity2
DNL
−0.99
+1.25
LSB
Gain = 2
±7
±20
LSB
Gain = 0.05
Integral Nonlinearity2
INL
±2
±3
LSB
Gain = 2
±8
±20
LSB
Gain = 0.05
±0.6
±3
LSB
Gain = 2
Full-Scale Error2, 14
Positive
600
630
650
mV
Gain = 2, DAC code = 0xE00
15.1
mV
Gain = 0.05, DAC code = 0xE00
Negative
−660
−640
−620
mV
Gain = 2, DAC code = 0x200
−15.1
mV
Gain = 0.05, DAC code = 0x200
Gain Error Drift over
Temperature2
Gain = 2
11.5
µV/°C
Gain = 0.05
0.33
µV/°C
Offset Error (Midscale)
Measured at an output of the excitation loop
across RCAL; DAC code = 0x800
±25
mV
Gain = 2
±0.5
mV
Gain = 0.05
Offset Error Drift over
Temperature
Gain = 2
40
µV/°C
Gain = 0.05
5
µV/°C
DC PSRR2
70
dB
DC variation due to AVDD supply changes
PGA, Programmable Gain2
0.05
2
Gain
Reconstruction Filter
3 dB Corner Frequency
Accuracy
±5
%
Programmable to 50 kHz, 100 kHz, and
250 kHz
Allowed External Load
Capacitance2
SE0, DE0, AINx, and RCAL0/RCAL1 pins
<80 kHz (Low Power Mode)
100
pF
>80 kHz (High Power Mode)
80
pF
Overcurrent Limit Protection2
15
mA
Amplifier attempts to limit the source/sink
current to this value via the internal clamp
Allowed Duration of
Overcurrent Limit2
5
sec
Allowed Frequency of
Overcurrent Conditions2
1
Per hour
Short-Circuit Protection2
10
mA
When amplifier output is shorted to ground
SWITCH MATRIX
Switches on analog front end before ADC mux
On Resistance2
RON
Characterized with a voltage sweep from 0 V to
AVDD; production tested at 2.8 V
Current Carrying Switches
40
80
Ω
Tx/TR1 switches, except T5 and T7
30
52
Ω
T5 and T7 switches only
35
70
Ω
Dx/DR0 switches
Noncurrent Carrying Switches
1
5
kΩ
Nx/Nxx and Px/Pxx switches
DC Off Leakage
370
pA
Analog input pin used for test driven to 0.3 V
DC On Leakage2
530
2000
pA
Analog input pin used for test driven to 0.3 V
TEMPERATURE SENSOR
Resolution
0.3
°C
Accuracy
±2
°C
Measurement taken immediately after exiting
hibernate mode; user single-point calibration
required
POWER-ON RESET
POR
Refers to voltage on DVDD pin
POR Trip Level
Power-On
1.59
1.62
1.72
V
Power-Down2
1.799
1.8
1.801
V
POR Hysteresis1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com