Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5941 Datasheet HTML 5Page - Analog Devices AD5941 Datasheet HTML 6Page - Analog Devices AD5941 Datasheet HTML 7Page - Analog Devices AD5941 Datasheet HTML 8Page - Analog Devices AD5941 Datasheet HTML 9Page - Analog Devices AD5941 Datasheet HTML 10Page - Analog Devices AD5941 Datasheet HTML 11Page - Analog Devices AD5941 Datasheet HTML 12Page - Analog Devices AD5941 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 9 of 134
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Accuracy
Magnitude
−1.25
±0.2
+1.25
%
20 kHz to 200 kHz
±0.2
%
10 Hz to 20 kHz
±1
%
1 Hz to <10 Hz
Phase
−0.3
±0.1
+0.3
Degrees
Three-Resistor Star Cell
Accuracy
R1 = R2 = R3 = 2.2 Ω (see Figure 18); 0.1 Hz to
200 kHz
Magnitude
±0.5
%
Phase
±0.5
Degrees
Accuracy
R1 = R2 = R3 = 100 Ω connected
(see Figure 18); 0.1 kHz to 200 kHz
Magnitude
±0.2
%
Phase
±0.2
Degrees
With High Bandwidth Loop, 50
kHz, 4-Wire Isolated
For Z = 1 kΩ (0.1% tolerant resistor); excitation
frequency = 50 kHz; sine amplitude =
0.6 V p-p; RTIA = 1 kΩ; CTIA = 32 pF; Isolation Capacitor
1 (CISO1) = 15 nF; Isolation Capacitor 2 (CISO2) =
Isolation Capacitor 3 (CISO3) = Isolation Capacitor 4
(CISO4) = 470 nF; current-limiting resistor (RLIMIT) =
1 kΩ
Accuracy
Device to device repeatability for three devices
at 50 kHz
Magnitude
0.26
%
Percentage error
Phase
1
Degrees
With Low Bandwidth Loop
For Z = 100 kΩ; excitation frequency = 100 Hz;
sine amplitude = 1.1 V p-p; RTIA =
100 kΩ; CTIA = 100 nF; CISO1 = 15 nF; CISO2 =
470 nF; RLIMIT = 1000 Ω
Frequency Range
1
300
Hz
Accuracy2
Device to device repeatability for three devices
at 100 Hz
Magnitude
±0.3
%
Percentage error
Precision2
Magnitude
450
Ω
Standard deviation
High Speed Loop
See Figure 18; valid for impedance spectroscopy,
voltammetry, and pulse tests
Allowed External Load
Capacitance2
100
pF
R2 + R3 ≤ 100 Ω; R1 ≤ 100 Ω
50
pF
R2 + R3 ≤ 500 Ω; R1 ≤ 100 Ω
40
pF
R2 + R3 ≤ 1600 Ω; R1 ≤ 800 Ω; frequency ≥ 1 kHz
Excitation Amplifier
Bandwidth2
3
MHz
Impedance Frequency
Range2
0.015
200,00
0
Hz
LOW POWER TIA AND
POTENTIOSTAT
Input Bias Current2
TIA Amplifier, SE0 Pin
80
200
pA
Potentiostat Amplifier
20
150
pA
Offset Voltage2
50
150
µV
Offset Voltage Drift vs. Temperature
1
µV/°C
Noise2
Unity-gain mode; V p-p in 0.1 Hz to 10 Hz range
1.6
µV
Normal mode (LPTIACON0 Bit 2 = 0)
2
µV
Half power mode (LPTIACON0 Bit 2 = 1)
Potentiostat Source/Sink Current2
−750
+750
µA
Normal mode (LPTIACON0 Bits[4:3] = 00); from
CE0
−3
+3
mA
High current mode (LPTIACON0 Bits[4:3] = 01 or
11 from CE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com