Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5941 Datasheet HTML 2Page - Analog Devices AD5941 Datasheet HTML 3Page - Analog Devices AD5941 Datasheet HTML 4Page - Analog Devices AD5941 Datasheet HTML 5Page - Analog Devices AD5941 Datasheet HTML 6Page - Analog Devices AD5941 Datasheet HTML 7Page - Analog Devices AD5941 Datasheet HTML 8Page - Analog Devices AD5941 Datasheet HTML 9Page - Analog Devices AD5941 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
AD5940/AD5941
Data Sheet
Rev. C | Page 6 of 134
GENERAL DESCRIPTION
The AD5940 and AD5941are high precision, low power analog
front ends (AFEs) designed for portable applications that require
high precision, electrochemical-based measurement techniques,
such as amperometric, voltammetric, or impedance measurements.
The AD5940/AD5941 is designed for skin impedance and body
impedance measurements, and works with the AD8233 AFE in
a complete bioelectric or biopotential measurement system. The
AD5940/AD5941 is designed for electrochemical toxic gas sensing.
The AD5940/AD5941 consist of two high precision excitation
loops and one common measurement channel, which enables a
wide capability of measurements of the sensor under test. The
first excitation loop consists of an ultra low power, dual-output
string, digital-to-analog converter (DAC), and a low power, low
noise potentiostat. One output of the DAC controls the non-
inverting input of the potentiostat, and the other output controls
the noninverting input of the transimpedance amplifier (TIA).
This low power excitation loop is capable of generating signals
from dc to 200 Hz.
The second excitation loop consists of a 12-bit DAC, referred to
as the high speed DAC. This DAC is capable of generating high
frequency excitation signals up to 200 kHz.
The AD5940/AD5941 measurement channel features a 16-bit,
800 kSPS, multichannel successive approximation register
(SAR) analog-to-digital converter (ADC) with input buffers, a
built in antialias filter, and a programmable gain amplifier
(PGA). An input multiplexer (mux) in front of the ADC allows
the user to select an input channel for measurement. These
input channels include multiple external current inputs,
external voltage inputs, and internal channels. The internal
channels allow diagnostic measurements of the internal supply
voltages, die temperature, and reference voltages.
The current inputs include two TIAs with programmable gain
and load resistors for measuring different sensor types. The first
TIA, referred to as the low power TIA, measures low bandwidth
signals. The second TIA, referred to as the high speed TIA,
measures high bandwidth signals up to 200 kHz.
An ultra low leakage, programmable switch matrix connects the
sensor to the internal analog excitation and measurement blocks.
This matrix provides an interface for connecting external trans-
impedance amplifier resistors (RTIAs) and calibration resistors.
The matrix can also be used to multiplex multiple electronic
measurement devices to the same wearable electrodes.
A precision 1.82 V and 2.5 V on-chip reference source is available.
The internal ADC and DAC circuits use this on-chip reference
source to ensure low drift performance for the 1.82 V and 2.5 V
peripherals.
The AD5940/AD5941 measurement blocks can be controlled via
direct register writes through the serial peripheral interface (SPI)
interface, or, alternatively, by using a preprogrammable sequencer,
which provides autonomous control of the AFE chip. 6 kB of static
random access memory (SRAM) is partitioned for a deep data first
in, first out (FIFO) and command FIFO. Measurement commands
are stored in the command FIFO and measurement results are
stored in the data FIFO. A number of FIFO related interrupts are
available to indicate when the FIFO is full.
A number of general-purpose inputs/outputs (GPIOs) are
available and controlled using the AFE sequencer. The AFE
sequencer allows cycle accurate control of multiple external sensor
devices.
The AD5940/AD5941 operate from a 2.8 V to 3.6 V supply and
are specified over a temperature range of −40°C to +85°C. The
AD5940 is packaged in a 56-lead, 3.6 mm × 4.2 mm WLCSP.
The AD5941 is packaged in a 48-lead LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com