Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 40 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD5941 Datasheet HTML 36Page - Analog Devices AD5941 Datasheet HTML 37Page - Analog Devices AD5941 Datasheet HTML 38Page - Analog Devices AD5941 Datasheet HTML 39Page - Analog Devices AD5941 Datasheet HTML 40Page - Analog Devices AD5941 Datasheet HTML 41Page - Analog Devices AD5941 Datasheet HTML 42Page - Analog Devices AD5941 Datasheet HTML 43Page - Analog Devices AD5941 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 134 page
background image
AD5940/AD5941
Data Sheet
Rev. C | Page 40 of 134
Bits
Bit Name
Settings
Description
Reset
Access
1
SW1
SW1 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
0
SW0
SW0 switch control, active high.
0x0
R/W
0
Opens switch.
1
Closes switch.
Low Power TIA Control Bits, Channel 0 Register—LPTIACON0
Address 0x000020EC, Reset: 0x00000003, Name: LPTIACON0
Table 24. Bit Descriptions for LPTIACON0 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:16]
Reserved
Reserved.
0x0
R
[15:13]
TIARF
These bits set the low-pass filter resistor (RLPF) and configure the low power TIA
output low-pass filter cutoff frequency.
0x0
R/W
0
Disconnects the TIA output from the low-pass filter pin (LPF0), which is useful for
diagnostics where a fast response is required from the ADC. This setting
disconnects the low power TIA output from the low-pass filter capacitor.
1
Bypass resistor; 0 Ω option.
10
20 kΩ.
11
100 kΩ.
100
200 kΩ.
101
400 kΩ.
110
600 kΩ.
111
1 MΩ; recommended value for optimal dc current measurement performance. This
setting is the lowest cutoff frequency setting for the low-pass filter.
[12:10]
TIARL
These bits set RLOAD.
0x0
R/W
0
0 Ω.
1
10 Ω.
10
30 Ω.
11
50 Ω.
100
100 Ω.
101
1.6 kΩ; RTIA must be ≥ 2 kΩ.
110
3.1 kΩ; RTIA must be ≥ 4 kΩ.
111
3.6 kΩ; RTIA must be ≥ 4 kΩ.
[9:5]
TIAGAIN
These bits set the RTIA.
0x0
R/W
0
Disconnects the RTIA.
1
200 Ω. The RTIA is combination of RLOAD and a fixed series 110 Ω. Assumes RLOAD = 10 Ω.
Set by the TIARL bits. RTIA = 100 Ω − RLOAD + 110 Ω. The fixed overall RTIA = 200 Ω.
10
1 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 1 kΩ. If RLOAD > 100 Ω, RTIA = 1 kΩ −
(RLOAD − 100 Ω).
11
2 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 2 kΩ. If RLOAD > 100 Ω, RTIA = 2 kΩ −
(RLOAD − 100 Ω).
100
3 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 3 kΩ. If RLOAD > 100 Ω, RTIA = 3 kΩ −
(RLOAD − 100 Ω).
101
4 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 4 kΩ. If RLOAD > 100 Ω, RTIA = 4 kΩ −
(RLOAD − 100 Ω).
110
6 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 6 kΩ. If RLOAD > 100 Ω, RTIA = 6 kΩ −
(RLOAD − 100 Ω).
111
8 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 8 kΩ. If RLOAD > 100 Ω, RTIA = 8 kΩ −
(RLOAD − 100 Ω).
1000
10 kΩ. If RLOAD ≤ 100 Ω, RTIA = (100 Ω − RLOAD) + 10 kΩ. If RLOAD > 100 Ω, RTIA =
10 kΩ − (RLOAD − 100 Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com