Electronic Components Datasheet Search
  English  ▼

X  

AD5941 Datasheet(PDF) 65 Page - Analog Devices

Part # AD5941
Description  High Precision, Impedance, and Electrochemical Front End
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5941 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD5941 Datasheet HTML 61Page - Analog Devices AD5941 Datasheet HTML 62Page - Analog Devices AD5941 Datasheet HTML 63Page - Analog Devices AD5941 Datasheet HTML 64Page - Analog Devices AD5941 Datasheet HTML 65Page - Analog Devices AD5941 Datasheet HTML 66Page - Analog Devices AD5941 Datasheet HTML 67Page - Analog Devices AD5941 Datasheet HTML 68Page - Analog Devices AD5941 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 134 page
background image
Data Sheet
AD5940/AD5941
Rev. C | Page 65 of 134
ADC Offset Calibration Auxiliary Channel (PGA Gain = 1) Register—ADCOFFSETGN1
Address 0x00002244, Reset: 0x00000000, Name: ADCOFFSETGN1
Table 60. Bit Descriptions for ADCOFFSETGN1 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Offset calibration gain = 1. ADC offset correction for the auxiliary channel with PGA
gain = 1, represented as a twos complement number. The calibration resolution is
0.25 LSBs of the ADCDAT LSB size. Therefore, the calibration resolution is ±VREF/218. If
VREF = 1.82 V, the calibration resolution is 1.82/217 = 13.885 µV.
0x0
R/W
0x3FFF
4095.75. Maximum positive offset calibration value.
0x0001
0.25. Minimum positive offset calibration value.
0x0000
0. No offset adjustment.
0x7FFF
−0.25. Minimum negative offset calibration value.
0x4000
−4096. Maximum negative offset calibration value.
ADC Gain Calibration Auxiliary Input Channel (PGA Gain = 1) Register—ADCGAINGN1
Address 0x00002240, Reset: 0x00004000, Name: ADCGAINGN1
The ADCGAINGN1 register provides gain calibration for the voltage input channels to the ADC, including the AINx channels.
Table 61. Bit Descriptions for ADCGAINGN1 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Gain calibration for PGA gain = 1. ADC gain correction for auxiliary input channels.
These bits are used for all channels, except the TIA and temperature sensor
channels when PGA gain = 1. This value is stored as a signed number. Bit 14 is the
sign bit, and Bits[13:0] represent the fractional part.
0x4000
R/W
0x0000
0. Illegal value; results in an ADC result of 0x8000.
0x2000
0.5. ADC result multiplied by 0.5.
0x4000
1.0. ADC result multiplied by 1. No gain adjustment (default).
0x4001
1.000061. Minimum positive gain adjustment.
0x7FFF
2. Maximum positive gain adjustment.
0x0001
0.000061. Maximum negative gain adjustment.
0x3FFF
0.999939. Minimum negative gain adjustment.
ADC Offset Calibration Auxiliary Input Channel (PGA Gain = 1.5) Register—ADCOFFSETGN1P5
Address 0x000022CC, Reset: 0x00000000, Name: ADCOFFSETGN1P5
The ADCOFFSETGN1P5 register provides ADC input offset calibration with PGA gain =1.5.
Table 62. Bit Descriptions for ADCOFFSETGN1P5 Register
Bits
Bit Name
Settings
Description
Reset
Access
[31:15]
Reserved
Reserved.
0x0
R
[14:0]
Value
Offset calibration gain = 1.5. ADC offset correction with PGA gain = 1.5.
0x0
R/W
0x3FFF
4095.75. Maximum positive offset calibration value.
0x0001
0.25. Minimum positive offset calibration value.
0x0000
0. No offset adjustment.
0x7FFF
−0.25. Minimum negative offset calibration value.
0x4000
−4096. Maximum negative offset calibration value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com