Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
7
July 12, 2005
The lower byte of the PC (PCL) is a readable and
writeable register (06H). Moving data into the PCL per-
forms a short jump. The destination is within 256 loca-
tions.
When a control transfer takes place, an additional
dummy cycle is required.
Program Memory
- EPROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
2048
´14 (HT46R53), or 4096´15 (HT46R54) bits, ad-
dressed by the Program Counter and table pointer.
Certain locations in the ROM are reserved for special
usage:
· Location 000H
This location is reserved for program initialization. Af-
ter a chip reset, the program always begins execution
at location 000H.
· Location 004H
This location is reserved for the external interrupt ser-
vice program. If the INT input pin is activated, the in-
terrupt is enabled and the stack is not full, the program
begins execution at this location.
· Location 008H
This location is reserved for the timer/event counter
interrupt service program. If a timer interrupt results
from a timer/event counter overflow, and the interrupt
is enabled and the stack is not full, the program begins
execution at location 008H.
· Location 00CH
Location 00CH is reserved for the A/D converter inter-
rupt service program. If an A/D converter interrupt re-
sults from an end of A/D conversion, and if the
interrupt is enabled and the stack is not full, the pro-
gram begins execution at location 00CH.
· Table location
Any location in the program memory can be used as
look-up tables. The instructions
²TABRDC [m]² (the
1 4 b i t s
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n = 0 ~ 7
A / D C o n v e r t e r I n t e r r u p t S u b r o u t i n e
n 0 0 H
7 0 0 H
n F F H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 4 H
0 1 8 H
7 F F H
H T 4 6 R 5 3
1 5 b i t s
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n = 0 ~ F
A / D C o n v e r t e r I n t e r r u p t S u b r o u t i n e
n 0 0 H
F 0 0 H
n F F H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 4 H
0 1 8 H
F F F H
H T 4 6 R 5 4
Program Memory
Instruction
Table Location
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
b11~b0: Table location bits
P11~P8: Current program counter bits
@7~@0: Table pointer bits
For the HT46R53, since the program counter is 11 bits wide (b0~b10), the b11 columns in the table are not ap-
plicable
For the HT46R54, the TABRDC program counter is 12 bits wide. From b0~b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com