Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
20
July 12, 2005
Example: using Interrupt Method to detect end of conversion
clr
EADI
; disable ADC interrupt
mov
a,00000001B
mov
ACSR,a
; setup the ACSR register to select fSYS/8 as the A/D clock
mov
a,00100000B
; setup ADCR register to configure Port PB0~PB3 as A/D inputs
mov
ADCR,a
; and select AN0 to be connected to the A/D converter
:
; As the Port B channel bits have changed the following START
; signal (0-1-0) must be issued within 10 instruction cycles
:
Start_conversion:
clr
START
set
START
; reset A/D
clr
START
; start A/D
clr
ADF
; clear ADC interrupt request flag
set
EADI
; enable ADC interrupt
set
EMI
; enable global interrupt
:
:
:
; ADC interrupt service routine
ADC_ISR:
mov
acc_stack,a
; save ACC to user defined memory
mov
a,STATUS
mov
status_stack,a
; save STATUS to user defined memory
:
:
mov
a,ADRH
; read conversion result high byte value from the ADRH register
mov
adrh_buffer,a
; save result to user defined register
mov
a,ADRL
; read conversion result low byte value from the ADRL register
mov
adrl_buffer,a
; save result to user defined register
clr
START
set
START
; reset A/D
clr
START
; start A/D
:
:
EXIT_INT_ISR:
mov
a,status_stack
mov
STATUS,a
; restore STATUS from user defined memory
mov
a,acc_stack
; restore ACC from user defined memory
reti
Low Voltage Reset
- LVR
There is a low voltage reset circuit (LVR) implemented in
the microcontrollers. The function can be enabled/dis-
abled by options.
If the supply voltage of the device is within the range
0.9V~VLVR such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external RES
signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip
operation at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com