Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
9
July 12, 2005
28H to 7FH, is used for data and control information un-
der instruction commands. All of the data memory areas
can handle arithmetic, logic, increment, decrement and
rotate operations directly. Except for some dedicated
bits, each bit in the data memory can be set and reset by
²SET [m].i² and ²CLR [m].i². They are also indirectly ac-
cessible through memory pointer registers (MP0;01H or
MP1;03H).
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] ([02H]) will access the data memory
pointed to by MP0 (MP1). Reading location 00H (02H)
itself indirectly will return the result
²00H². Writing indi-
rectly results in no operation. The memory pointer regis-
ters (MP0 and MP1) are 7-bit registers.
Accumulator
- ACC
The accumulator closely relates to ALU operations. It is
also mapped to location
²05H² of the data memory
which can operate with immediate data. The data move-
ment between two data memories has to pass through
the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic operations.
The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO and PDF flags. Addition opera-
tions related to the status register may give different re-
sults from those intended. The TO flag can be affected
only by system power-up, a WDT time-out or executing
the
²HALT² or ²CLR WDT² instruction. The PDF flag can
be affected only by executing the
²HALT² or ²CLR WDT²
instruction or a system power-up.
The Z, OV, AC, and C flags reflect the status of the latest
operations. On entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
automatically pushed onto the stack. If the contents of
the status is important, and if the subroutine is likely to
corrupt the status register, the programmer should take
precautions and save it properly.
Interrupts
The device provides an external interrupt, an internal
timer/event counter interrupt, and an A/D converter in-
terrupt. The interrupt control register (INTC;0BH) con-
tains the interrupt control bits to set the enable/disable
and the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
Bit No.
Label
Function
0
C
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate
through carry instruction.
1
AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3
OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by system power-up or executing the
²CLR WDT² instruction. PDF is set by
executing the
²HALT² instruction.
5
TO
TO is cleared by system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is
set by a WDT time-out.
6, 7
¾
Unused bit, read as
²0²
Status (0AH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com