| Electronic Components Datasheet Search |
|
HT46R53 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R53 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 42 page ![]() HT46R53/HT46R54 Rev. 1.40 16 July 12, 2005 Each I/O line has its own control register (PAC, PBC, PCC, PDC) to control the input/output configuration. With this control register, CMOS output or Schmitt trig- ger input with or without pull-high resistor structures can be reconfigured dynamically under software control. To function as an input, the corresponding latch of the con- trol register must write ²1². The input source also de- pends on the control register. If the control register bit is ²1², the input will read the pad state. If the control regis- ter bit is ²0², the contents of the latches will move to the internal bus. The latter is possible in the ²read-modify-write² instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H, 17H and 19H. After a chip reset, these input/output lines remain at high levels or floating state (dependent on pull-high options). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H, 16H or 18H) instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. Each I/O port has a pull-high option. Once the pull-high option is selected, the I/O port has a pull-high resistor, otherwise, there ¢s none. Take note that a non- pull-high I/O port operating in input mode will cause a floating state. The PA3, PA4 and PA5 are pin-shared with PFD, TMR and INT pins respectively. If the PFD option is selected, the output signal in output mode of PA3 will be the PFD signal generated by the timer/event counter overflow signal. The input mode al- ways remain in its original functions. Once the PFD op- tion is selected, the PFD output signal is controlled by the PA3 data register only. The I/O functions of PA3 are shown below. I/O Mode I/P (Normal) O/P (Normal) I/P (PFD) O/P (PFD) PA3 Logical Input Logical Output Logical Input PFD (Timer on) Note: The PFD frequency is the timer/event counter overflow frequency divided by 2. The definitions of the PFD control signal and PFD output frequency are listed in the following table. Timer Timer Preload Value PA3 Data Register PA3 Pad State Frequency OFF X 0 0 X OFF X 1 U X ON N 0 0 X ON N 1 PFD fINT/(2 ´(256-N)) Note: ²X² stands for ²unused² ²U² stands for ²unknown² ²N² is the preload value for the timer/event counter ²fTMR² is the input clock frequency for the timer/event counter The PB can also be used as A/D converter inputs. The A/D function will be described later. There is a PWM function shared with PD0. If the PWM function is en- abled, the PWM signal will appear on PD0 (if PD0 is op- erating in output mode). The I/O functions of PD0 are as shown. I/O Mode I/P (Normal) O/P (Normal) I/P (PWM) O/P (PWM) PD0 Logical Input Logical Output Logical Input PWM It is recommended that unused or not bonded out I/O lines should be set as output pins by software instruction to avoid consuming power under input floating state. PWM The microcontroller provides one channel PWM output shared with PD0. The PWM supports (7+1) or (6+2) modes which are selected by configuration option. The PWM channel has their data register denoted as PWM(1AH). The frequency source of the PWM counter comes from fSYS. The PWM register is an 8-bit register. The waveforms of the PWM outputs are as shown. Once the PD0 are selected as the PWM outputs and the output function of the PD0 are enabled (PDC.0= ²0²), writing ²1² to PD0 data register will enable the PWM out- put function and writing ²0² will force the PD0 to stay at ²0². A (6+2) bits mode PWM cycle is divided into four modu- lation cycles (modulation cycle 0~modulation cycle 3). Each modulation cycle has 64 PWM input clock period. In a (6+2) bit PWM function, the contents of the PWM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |