Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R53 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
HT46R53/HT46R54
A/D Type 8-Bit OTP MCU
Rev. 1.40
1
July 12, 2005
General Description
The HT46R53/HT46R54 are 8-bit high performance,
RISC architecture microcontroller devices specifically
designed for A/D applications that interface directly to
analog signals, such as those from sensors. The advan-
tages of low power consumption, I/O flexibility, timer
functions, oscillator options, multi-channel A/D con-
verter, Pulse Width Modulation function, HALT and
wake-up functions, watchdog timer, as well as low cost,
enhance the versatility of these devices to suit a wide
range of A/D application possibilities such as sensor
signal processing, chargers, motor driving, industrial
control, consumer products, subsystem controllers, etc.
Features
· Low-power fully static CMOS design
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· Program Memory:
2K
´14 OTP (HT46R53)
4K
´15 OTP (HT46R54)
· Data memory: 88´8 RAM
· A/D converter: 12bits´8Ch
External A/D converter reference voltage input pin
· 22 bidirectional I/O lines
· 1 interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with over-
flow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· 6-level subroutine nesting
· Watchdog Timer
· Low voltage reset function
· HALT function
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 1-channel 8-bit PWM output shared with an I/O line
· PFD function
· Bit manipulation instruction
· Table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· 28-pin SKDIP/SOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0004E HT48 & HT46 MCU UART Software Implementation Method
- HA0084E NiMH Battery Charger Demo Board - Using the HT46R52


Similar Part No. - HT46R53

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
More results

Similar Description - HT46R53

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
A/D Type 8-Bit OTP MCU
May 24, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
A/D Type 8-Bit OTP MCU
September 20, 2007
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
A/D Type 8-Bit OTP MCU
August 24, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
Enhanced A/D Type 8-Bit OTP MCU
January 22, 2013
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
A/D Type 8-Bit OTP MCU
March 6, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com