Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
8
July 12, 2005
current page) and
²TABRDL [m]² (the last page)
transfer the contents of the lower-order byte to the
specified data memory, and the higher-order byte to
TBLH (08H). The lower-order byte table pointer TBLP
(07H) are read/write registers, which indicate the table
locations. Before accessing the table, the location has
to be placed in TBLP. The TBLH is read only and can-
not be restored. If the main routine and the ISR (inter-
rupt service routine) both employ the table read
instruction, the contents of the TBLH in the main rou-
tine are likely to be changed by the table read instruc-
tion used in the ISR. Errors can occur. Given this,
using the table read instruction in the main routine and
the ISR simultaneously should be avoided. However,
if the table read instruction has to be applied in both
main routine and the ISR, the interrupt should be dis-
abled prior to the table read instruction. It will not be
enabled until the TBLH in the main routine has been
backed-up. All table related instructions require 2 cy-
cles to complete the operation.
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter only. The
stack is organized into 6 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At the state of a subroutine call or an interrupt acknowl-
edgment, the contents of the program counter are
pushed onto the stack. At the end of the subroutine or an
interrupt routine, signaled by a return instruction (RET or
RETI), the program counter is restored to its previous
value from the stack. After a chip reset, the SP will point
to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt is
serviced. This feature prevents stack overflow, allowing
the programmer to use the structure more easily. If the
stack is full and a
²CALL² is subsequently executed,
stack overflow occurs and the first entry will be lost (only
the most recent 6 return addresses are stored).
Data Memory
- RAM
The data memory (RAM) is designed with 113
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers (25
´8 bits) and general purpose
data memory (88
´8bit) most of which are read-
able/writable, although some are read only. Of the two
types of functional groups, the special function registers
consist of an Indirect addressing register 0 (00H), a
Memory pointer register 0 (MP0;01H), an Indirect ad-
dressing register 1 (02H), a Memory pointer register 1
(MP1;03H), an Accumulator (ACC;05H), a Program
counter lower-order byte register (PCL;06H), a Table
pointer (TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Status register (STATUS;0AH), an Inter-
rupt control register (INTC;0BH), a Timer/Event Counter
(TMR:0DH), a Timer/Event Counter control register
(TMRC;0EH), PWM data register (PWM;1AH), the A/D
result lower-order byte register (ADRL;20H), the A/D re-
sult higher-order byte register (ADRH;21H), the A/D
control register (ADCR;22H), the A/D clock setting reg-
ister (ACSR;23H), I/O registers (PA;12H, PB;14H,
PC;16H, PD;18H), and I/O control registers (PAC;13H,
PBC;15H, PCC; 17H, PDC;19H). The remaining space
before the 28H is reserved for future expanded usage
and reading these locations will return the result
²00H².
The general purpose data memory, addressed from
S p e c i a l P u r p o s e
D A T A M E M O R Y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d
R e a d a s " 0 0 "
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 7 H
2 8 H
7 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
G e n e r a l P u r p o s e
D a t a M e m o r y
( 8 8 B y t e s )
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com