Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
18
July 12, 2005
A/D Converter
The 8 channels 12-bit resolution A/D converter are im-
plemented in this microcontroller.
The A/D converter contains 4 special registers which
are; ADRL (20H), ADRH (21H), ADCR (22H) and ACSR
(23H). The ADRH and ADRL are A/D result register
higher-order byte and lower-order byte and are
read-only. After the A/D conversion is completed, the
ADRH and ADRL should be read to get the conversion
result data. The ADCR is an A/D converter control regis-
ter, which defines the A/D channel number, analog
channel select, start A/D conversion control bit and the
end of A/D conversion flag. If the users want to start an
A/D conversion, define PB configuration, select the con-
verted analog channel, and give START bit a raising
edge and falling edge (0
®1®0). At the end of A/D con-
version, the EOCB bit is cleared and an A/D converter
interrupt occurs (if the A/D converter interrupt is en-
abled). The ACSR is A/D clock setting register, which is
used to select the A/D clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the are used to select an
analog input channel. There are a total of eight channels
to select. The bit5~bit3 of the ADCR are used to set PB
configurations. PB can be an analog input or as digital
I/O line determined by these 3 bits. Once a PB line is se-
lected as an analog input, the I/O functions and pull-high
resistor of this I/O line are disabled and the A/D con-
verter circuit is powered on. The EOCB bit (bit6 of the
ADCR) is end of A/D conversion flag. Check this bit to
know when the A/D conversion is completed.
The START bit of the ADCR is used to begin the conver-
sion of the A/D converter. Giving START bit a rising edge
and falling edge means that the A/D conversion has
started. In order to ensure that the A/D conversion is
completed, the START should remain at
²0² until the
EOCB is cleared to
²0² (end of A/D conversion). Bit 7 of
the ACSR register is used for test purposes only and
must not be used for other purposes by the application
program. Bit1 and bit0 of the ACSR register are used to
select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialisation:
Special care must be taken to initialise the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialisation is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initialis-
ation is not required.
Bit No. Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
2~6
¾
Unused bit, read as
²0²
7
TEST For test mode used only
ACSR (23H) Register
Bit No. Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration se-
lect. If PCR0, PCR1 and PCR2 are all
zero, the ADC circuit is powered off to
reduce power consumption
6
EOCB
Indicates end of A/D conversion.
(0= end of A/D conversion)
Each time bits 3~5 change state the
A/D should be initialised by issuing a
START signal, otherwise the EOCB
flag may have an undefined condition.
See
²Important note for A/D initialis-
ation
².
7
START
Starts the A/D conversion.
0
®1®0= Start
0
®1= Reset A/D converter and set
EOCB to
²1².
ADCR (22H) Register
ACS2
ACS1
ACS0
Analog Channel
000
AN0
001
AN1
010
AN2
011
AN3
100
AN4
101
AN5
110
AN6
111
AN7
Analog Input Channel Selection
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
(20H)
D3
D2
D1
D0
0000
ADRH
(21H)
D11 D10 D9
D8
D7
D6
D5
D4
Note:
D0~D11 is A/D conversion result data bit
LSB~MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com