Electronic Components Datasheet Search
  English  ▼

X  

HT46R53 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
10
July 12, 2005
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be
set to allow interrupt nesting. If the stack is full, the inter-
rupt request will not be acknowledged, even if the re-
lated interrupt is enabled, until the SP is decremented. If
immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
External interrupts are triggered by a high to low transi-
tion of INT and the related interrupt request flag (EIF; bit
4 of the INTC) will be set. When the interrupt is enabled,
the stack is not full and the external interrupt is active, a
subroutine call to location
²04H² will occur. The interrupt
request flag (EIF) and EMI bits will be cleared to disable
other interrupts.
The internal Timer/Event Counter interrupt is initialized
by setting the Timer/Event Counter interrupt request flag
(TF; bit 5 of the INTC), which is normally caused by a
timer overflow. After the interrupt is enabled, and the
stack is not full, and the TF bit is set, a subroutine call to
location
²08H² occurs. The related interrupt request flag
(TF) is reset, and the EMI bit is cleared to disable further
maskable interrupts.
The A/D converter interrupt is initialized by setting the
A/D converter request flag (ADF; bit 6 of the INTC),
caused by an end of A/D conversion. When the interrupt
is enabled, the stack is not full and the ADF is set, a sub-
routine call to location
²0CH² will occur. The related in-
terrupt request flag (ADF) will be reset and the EMI bit
cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
A/D Converter Interrupt
3
0CH
The timer/event counter interrupt request flag (TF), ex-
ternal interrupt request flag (EIF), A/D converter request
flag (ADF), enable timer/event counter bit (ETI), enable
external interrupt bit (EEI), enable A/D converter inter-
rupt bit (EADI), and enable master interrupt bit (EMI)
constitute an interrupt control register (INTC) which are
located at
²0BH² in the data memory. EMI, EEI, ETI, and
EADI are used to control the enabling/disabling of inter-
rupts. These bits prevent the requested interrupt from
being serviced. Once the interrupt request flags (TF,
EIF, and ADF) are set, they will remain in the INTC regis-
ter until the interrupts are serviced or cleared by a soft-
ware instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1= enable; 0= disable)
1
EEI
Controls the external interrupt (1= enable; 0= disable)
2
ETI
Controls the Timer/Event Counter interrupt (1= enable; 0= disable)
3
EADI
Control the A/D converter interrupt (1= enable; 0= disable)
4
EIF
External interrupt request flag (1= active; 0= inactive)
5
TF
Internal Timer/Event Counter request flag (1= active; 0= inactive)
6
ADF
A/D converter request flag (1= active; 0= inactive)
7
¾
For test mode used only.
Must be written as
²0²; otherwise may result in unpredictable operation.
INTC (0BH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com