Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 45Page - Silicon Laboratories SI3232 Datasheet HTML 46Page - Silicon Laboratories SI3232 Datasheet HTML 47Page - Silicon Laboratories SI3232 Datasheet HTML 48Page - Silicon Laboratories SI3232 Datasheet HTML 49Page - Silicon Laboratories SI3232 Datasheet HTML 50Page - Silicon Laboratories SI3232 Datasheet HTML 51Page - Silicon Laboratories SI3232 Datasheet HTML 52Page - Silicon Laboratories SI3232 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Si3232
Preliminary Rev. 0.96
49
The resulting gain levels using the ARX stage are
summarized in Table 30. All settings assume an
external codec with 475
Ω per leg of source impedance
driving the RX inputs differentially at VRXPa-VRXNa
(for channel a) or VRXPb-VRXNb (for channel b) to
achieve a 0 dBm0 TIP-RING audio output signal.
4.15. System Clock Generation
The Si3232 generates the necessary internal clock
frequencies from the PCLK input. PCLK must be
synchronous to the 8 kHz FSYNC clock and run at one
of the following rates: 256kHz, 512kHz, 786kHz,
1.024 MHz,
1.536 MHz,
1.544 MHz,
2.048 MHz,
4.096 MHz, or 8.192 MHz. The ratio of the PCLK rate to
the FSYNC rate is determined by a counter clocked by
PCLK. The 3-bit ratio information is automatically
transferred into an internal register, PLL_MULT,
following a device reset. PLL_MULT is used to control
the internal PLL, which multiplies PCLK as needed to
generate the rate required to run the internal filters and
other circuitry.
The PLL clock synthesizer settles quickly after powerup
or update of the PLL-MULT register. The PLL lock
process begins immediately after the RESET pin is
pulled high and will take approximately 5 ms to achieve
lock after RESET is released with stable PCLK and
FSYNC. However, the settling time depends on the
PCLK frequency and can be predicted based on the
following equation:
tSETTLE =64 / fPCLK
Note: Therefore, the RESET pin must be held low during
powerup and should only be released when both PCLK
and FSYNC signals are known to be stable.
4.15.1. Interrupt Logic
The Si3232 is capable of generating interrupts for the
following events:
Loop current/ring ground detected.
Ground key detected.
Ring trip detected.
Power alarm.
Ringing active timer expired.
Ringing inactive timer expired.
Pulse metering active timer expired.
Pulse metering inactive timer expired.
RAM address access complete.
The interface to the interrupt logic consists of six
registers. Three interrupt status registers (IRQ0–IRQ3)
contain one bit for each of the above interrupt functions.
These bits are set when an interrupt is pending for the
associated resource. Three interrupt mask registers
(IRQEN1–IRQEN3) also contain one bit for each
interrupt function. In the case of the interrupt mask
registers, the bits are active high. Refer to the
appropriate functional description text for operational
details of the interrupt functions.
Figure 26. PLL Frequency Synthesizer
Table 30. ARX Attenuation Stage Settings
ARXMUTE
Setting
ARX[1:0]
Setting
Typical TX Path Gain
1
xx
Mute (no T-R output)
000
0 dB (G = 1)
0
01
–3.52 dB (G = 2/3)
0
10
–6.02 dB (G = 1/2)
0
11
Reserved. Do not use.
PFD
DIV M
PLL_MULT
VCO
÷2
÷2
RESET
28.672 MHz
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com