Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 40Page - Silicon Laboratories SI3232 Datasheet HTML 41Page - Silicon Laboratories SI3232 Datasheet HTML 42Page - Silicon Laboratories SI3232 Datasheet HTML 43Page - Silicon Laboratories SI3232 Datasheet HTML 44Page - Silicon Laboratories SI3232 Datasheet HTML 45Page - Silicon Laboratories SI3232 Datasheet HTML 46Page - Silicon Laboratories SI3232 Datasheet HTML 47Page - Silicon Laboratories SI3232 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
Si3232
44
Preliminary Rev. 0.96
4.12. Relay Driver Considerations
The Si3232 includes a general-purpose driver output for
each channel (GPOa, GPOb) to drive external test
relays. In most applications, the relay can be driven
directly from the Si3232 with no external relay drive
circuitry required. Figure 21 illustrates the internal relay
driver circuitry using a 3 V relay.
Figure 21. Si3232 Internal Relay Drive Circuitry
The internal driver logic and drive circuitry is powered
from the same 3.3 V supply as the chip’s main supply
(VDD1–VDD4 pins). When operating external relays
from a VCC supply that is equal to the chip’s VDD supply,
an internal diode network provides protection against
overvoltage conditions caused by flyback spikes when
the relay is opened. Only 3 V relays may be used in the
configuration shown in Figure 21, and either polarized
or non-polarized relays are acceptable provided both
VCC and VDD are powered by a 3.3 V supply. The input
impedance, RIN, of the relay driver pins is a constant
11
Ω while sinking less than the maximum rated 85 mA
into the pin.
If the desired operating voltage of the relay, VCC, is
higher than the Si3232’s VDD supply voltage, an
external drive circuit is required to eliminate leakage
from VCC to VDD through the internal protection diode.
In this configuration, a polarized relay is recommended
to provide optimal overvoltage protection with minimal
external components. Figure 22 illustrates the required
external
drive
circuit,
and
Table 26
provides
recommended values for RDRV for typical relay
characteristics
and
VCC supplies. The output
impedance, ROUT, of the relay driver pins is a constant
63
Ω while sourcing less than the maximum rated
28 mA out of the pin.
Figure 22. Driving Relays with VCC > VDD
The maximum allowable RDRV value can be calculated
using the following equation:
where
βQ1,MIN ~ 30 for a 2N2222
Si3232
Relay
Driver
Logic
V
DD
GND
GPOa/b
V
CC
3 V/5 V Relay
(polarized or
non-polarized)
Table 26. Recommended RDRV Values
ProSLIC
VDD
Relay
VCC
Relay
RCOIL
Maximum
RDRV
Recom-
mended
5% Value
3.3 V
±5%
3.3 V
±5%
64
Ω
Not
Required
—
3.3 V
±5%
5V
±5%
178
Ω
2718
Ω
2.7 k
Ω
3.3 V
±5%
12 V
±10%
1028
Ω
6037
Ω
5.6 k
Ω
3.3 V
±5%
24 V
±10%
2880
Ω
8364
Ω
8.2 k
Ω
3.3 V
±5%
48 V
±10%
7680
Ω
11092
Ω
11 k
Ω
Si3232
V
DD
GPOa
GPOb
V
CC
Polarized
relay
R
DRV
I
DRV
Q1
MaxRDRV
VDD,MIN 0.6 V
–
() R
RELAY
() β
Q1,MIN
()
VCC,MAX 0.3 V
–
------------------------------------------------------------------------------------------------- RSOURCE
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com