Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 14Page - Silicon Laboratories SI3232 Datasheet HTML 15Page - Silicon Laboratories SI3232 Datasheet HTML 16Page - Silicon Laboratories SI3232 Datasheet HTML 17Page - Silicon Laboratories SI3232 Datasheet HTML 18Page - Silicon Laboratories SI3232 Datasheet HTML 19Page - Silicon Laboratories SI3232 Datasheet HTML 20Page - Silicon Laboratories SI3232 Datasheet HTML 21Page - Silicon Laboratories SI3232 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
Si3232
18
Preliminary Rev. 0.96
3. Bill of Materials
Component
Value
Function
C1, C2, C11, C12
100 nF, 100 V, X7R, ±20%
Filter capacitors for TIP, RING ac-sensing inputs.
C3, C4, C13, C14
10 nF, 100 V, X7R, ±20%
TIP/RING compensation capacitors.
C5, C6, C15, C16
1 µF, 10 V, X7R, ±20%
Low-pass filter capacitor to stabilize differential and
common mode SLIC feedback loops.
C20–C25
0.1 µF, 10 V, Y5V
Decoupling for analog and digital chip supply pins.
C30–C33
0.1 µF, 100 V, Y5V
Decoupling for battery voltage supply pins.
C41–43*
3.3 nF, 10 V, X7R, ±20%
Reconstruction filter for DAC of BCM3341.
C45–47*
150 nF, 10 V, X7R, ±20%
Anti-aliasing filter for ADC of BCM3341.
R1, R2, R11, R12
402 k
Ω, 1/10 W, ±1%
Sense resistors for TIP, RING dc sensing nodes.
R3, R4, R13, R14
4.7 k
Ω, 1/10 W, ±5%
Current limiting resistors for TIP, RING ac-sensing
inputs.
R5, R15
806 k
Ω, 1/10 W, ±1%
Sense resistor for battery voltage sensing node.
R6, R16
40.2 k
Ω, 1/10 W, ±5%
Sets bias current for battery switching logic circuit.
R7, R8, R17, R18
182
Ω, 1/10 W, ±1%
Reference resistors for internal transconductance
amplifier.
R10
40.2 k
Ω, 1/10 W, ±1%
Generates a high accuracy reference current.
R40, R41*
20 k
Ω, 1/10 W, ±1%
Anti-aliasing filter for ADC of BCM3341.
*Note: These components are only required when used with BCM3341 and other interface-compatible Broadcom products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com