Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 32 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 32 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 28Page - Silicon Laboratories SI3232 Datasheet HTML 29Page - Silicon Laboratories SI3232 Datasheet HTML 30Page - Silicon Laboratories SI3232 Datasheet HTML 31Page - Silicon Laboratories SI3232 Datasheet HTML 32Page - Silicon Laboratories SI3232 Datasheet HTML 33Page - Silicon Laboratories SI3232 Datasheet HTML 34Page - Silicon Laboratories SI3232 Datasheet HTML 35Page - Silicon Laboratories SI3232 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
Si3232
32
Preliminary Rev. 0.96
4.5.1. Loop Closure Detection
Loop closure detection is required to accurately signal a
terminal device going off-hook during the Active or On-
Hook Transmission linefeed states (forward or reverse
polarity). The functional blocks required to implement a
loop closure detector are shown in Figure 14, and the
register set for detecting a loop closure event is
provided in Table 19. The primary input to the system is
the Loop Current Sense value provided by the voltage/
current/power monitoring circuitry and reported in the
ILOOP RAM address. The loop current (ILOOP) is
computed by the ISP using the equations shown below.
Refer to Figure 11 on page 26 for the discrete bipolar
transistor references used in the equation below (Q1,
Q2, Q5 and Q6 – note that the Si3200 has
corresponding MOS transistors). The same ILOOP
equation applies to the discrete bipolar linefeed as well
as the Si3200 linefeed device. The following equation is
conditioned by the CMH status bit in register LCRRTP
and by the linefeed state as indicated by the LFS field in
the LINEFEED register.
If the CMHITH (RAM 36) threshold is exceeded, the
CMH bit is 1, and IQ1 is forced to zero in the
FORWARD-ACTIVE and TIP-OPEN states, or IQ2 is
forced to zero in the REVERSE-ACTIVE and RING-
OPEN states. The other currents in the equation are
allowed to contribute normally to the ILOOP value.
The conditioning due to the CMH bit (LCRRTP Register)
and LFS field (LINEFEED Register) states can be
summarized as follows:
IQ1 = 0 if (CMH = 1 AND (LFS = 1 OR LFS = 3))
IQ2 = 0 if (CMH = 1 AND (LFS = 5 OR LFS = 7))
The output of the Input Signal Processor is the input to a
programmable digital low-pass filter, which can be used
to remove unwanted ac signal components before
threshold detection.
The low-pass filter coefficient is calculated using the
following equation and is entered into the LCRLPF RAM
location.
LCRLPF = [(2
πf x 4096)/800] x 23
Where f is the desired cutoff frequency of the filter.
The programmable range of the filter is from 0h (blocks
all signals) to 4000h (unfiltered). A typical value of 10
(0A10h) is sufficient to filter out any unwanted ac
artifacts while allowing the dc information to pass
through the filter.
The output of the low-pass filter is compared to a
programmable threshold, LCROFFHK. Hysteresis is
enabled
by
programming
a
second
threshold,
LCRONHK, to detect the loop going to an OPEN or on-
hook state. The threshold comparator output feeds a
programmable debounce filter. The output of the
debounce filter remains in its present state unless the
input remains in the opposite state for the entire period
of time programmed by the loop-closure debounce
interval, LCRDBI. There is also a loop-closure mask
interval, LCRMASK, that is used to mask transitions
caused when an internal ringing burst (no dc offset)
ends in the presence of a high REN load. If the
debounce interval has been satisfied, the LCR bit will be
set to indicate that a valid loop closure has occurred.
Table 18. 3-Battery Switching Components
Component
Value
Comments
D1
200 V, 200 mA
IN4003 or similar
Q1
100 V PNP
CXT5401 or similar
Q2
100 V NPN
CXT5551 or similar
R101
1/10 W, ±5%
2.4 k
Ω for VDD =3.3 V
3.9 k
Ω for VDD =5 V
R102
10 k
Ω, 1/10 W, ±5%
R103
402 k
Ω, 1/10 W, ±1%
Iloop
IQ1 IQ6
–
IQ5 IQ2 in TIP-OPEN or RING-OPEN
IQ1 IQ6
–
IQ5 IQ2
–
+
2
---------------------------------------------------- in all other states
=
–
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com