Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 67 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 63Page - Silicon Laboratories SI3232 Datasheet HTML 64Page - Silicon Laboratories SI3232 Datasheet HTML 65Page - Silicon Laboratories SI3232 Datasheet HTML 66Page - Silicon Laboratories SI3232 Datasheet HTML 67Page - Silicon Laboratories SI3232 Datasheet HTML 68Page - Silicon Laboratories SI3232 Datasheet HTML 69Page - Silicon Laboratories SI3232 Datasheet HTML 70Page - Silicon Laboratories SI3232 Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
Si3232
Preliminary Rev. 0.96
67
Reset settings = 0xxx
Reset settings = 0x05
ID: Chip Identification (Register Address 0)
(Register type: Initialization/single value instance for both channels)
Bit
D7D6D5D4D3D2
D1
D0
Name
PARTNUM[2:0]
REV[3:0]
Type
RR
Bit
Name
Function
7
Reserved
Read returns zero.
6:4
PARTNUM[2:0] Part Number Identification.
000-010 = Reserved
011 = Si3232
100–111 = Reserved
3:0
REV[3:0]
Revision Number Identification.
0001 = Revision A
0010 = Revision B
0011 = Revision C
0100 = Revision D
0101 = Revision E
0110 = Revision F
0111 = Revision G
ILIM: Loop Current Limit (Register Address 10)
(Register type: Initialization)
Bit
D7
D6
D5D4
D3
D2D1
D0
Name
ILIM[4:0]
Type
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero.
4:0
ILIM[4:0]
Loop Current Limit.
The value written to this register sets the constant loop current. The value may be set
between 18 mA (0x00) and 45 mA (0x20) in 0.875 mA steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com