Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 36 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 32Page - Silicon Laboratories SI3232 Datasheet HTML 33Page - Silicon Laboratories SI3232 Datasheet HTML 34Page - Silicon Laboratories SI3232 Datasheet HTML 35Page - Silicon Laboratories SI3232 Datasheet HTML 36Page - Silicon Laboratories SI3232 Datasheet HTML 37Page - Silicon Laboratories SI3232 Datasheet HTML 38Page - Silicon Laboratories SI3232 Datasheet HTML 39Page - Silicon Laboratories SI3232 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Si3232
36
Preliminary Rev. 0.96
Table 22. Register and RAM Locations used for Ground Key Detection
Parameter
Register/
RAM
Mnemonic
Register/RAM
Bits
Programmable
Range
LSB Size
Resolutio
n
Ground Key Interrupt Pend-
ing
IRQVEC2
LONGS
Yes/No
N/A
N/A
Ground Key Interrupt Enable
IRQEN2
LONGE
Yes/No
N/A
N/A
Linefeed Shadow
LINEFEED
LFS[2:0]
Monitor only
N/A
N/A
Ground Key Detect Status
LCRRTP
LONGHI
Monitor only
N/A
N/A
Ground Key Detect
Debounce Interval
LONGDBI
LONGDBI[15:0]
0 to 40.96 s
1.25 ms
1.25 ms
Longitudinal Current Sense
ILONG
ILONG[15:0]
Monitor only
See
Table 14
Ground Key Threshold (high)
LONGHITH
LONGHITH[15:0]
0 to 101.09 mA*
3.097 µA
396.4 µA
Ground Key Threshold (low)
LONGLOTH
LON-
GLOTH[15:0]
0 to 101.09 mA*
3.097 µA
396.4 µA
Ground Key Filter Coefficient
LONGLPF
LONGLPF[15:3]
0 to 4000h
N/A
N/A
Note: The usable range for LONGHITH and LONGLOTH is limited to 16 mA. Setting a value >16 mA will disable threshold
detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com