Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 41Page - Silicon Laboratories SI3232 Datasheet HTML 42Page - Silicon Laboratories SI3232 Datasheet HTML 43Page - Silicon Laboratories SI3232 Datasheet HTML 44Page - Silicon Laboratories SI3232 Datasheet HTML 45Page - Silicon Laboratories SI3232 Datasheet HTML 46Page - Silicon Laboratories SI3232 Datasheet HTML 47Page - Silicon Laboratories SI3232 Datasheet HTML 48Page - Silicon Laboratories SI3232 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
Si3232
Preliminary Rev. 0.96
45
4.12.1. Polarity Reversal
The Si3232 supports polarity reversal for message-
waiting functionality as well as various signaling modes.
The ramp rate can be programmed for a smooth
transition or an abrupt transition to accommodate
different application requirements. A wink function is
also provided for special equipment that responds to a
smooth ramp to VOC = 0 V. Table 27 illustrates the
register bits required to program the polarity-reversal
modes.
An immediate reversal (hard reversal) of the line polarity
is achieved by setting the Linefeed register to the
opposite polarity. For example, a transition from
Forward Active mode to Reverse Active mode is
achieved by changing LF[2:0] from 001 to 101. Polarity
reversal can also be accommodated in the OHT and
ground-start modes. The POLREV bit is a read-only bit
that reflects whether the device is in polarity reversal
mode. A smooth polarity reversal is achieved by setting
the PREN bit to 1 and setting the RAMP bit to 0 or 1
depending on the desired ramp rate (see Table 27).
Polarity reversal is then accomplished by toggling the
linefeed register from forward to reverse modes as
desired.
A wink function is used to slowly ramp down the TIP-
RING voltage (VOC) to 1 followed by a return to the
original VOC value (set in the VOC RAM 0 location).
This scheme is used to light a message-waiting lamp in
certain handsets. To enable this function, no change to
the linefeed register is necessary. Instead, the user
must set the VOCZERO bit to 1 to cause the TIP-RING
voltage to collapse to 0 V at the rate programmed by the
RAMP bit. Setting the VOCZERO bit back to 0 causes
the TIP-RING voltage to return to its normal setting. A
software timer provided by the user can automate the
cadence of the wink function. Figure 23 illustrates the
wink function.
Table 27. Register and RAM Locations used for Polarity Reversal
Parameter
Programmable Range
Register/RAM Bits
Location
Linefeed
See Table 12
LF[2:0]
LINEFEED
Polarity Reversal Status
Read only
POLREV
POLREV
Wink Function
(Smooth transition to Voc = 0 V)
1 = Ramp to 0 V
0 = Return to previous VOC
VOCZERO
POLREV
Smooth Polarity Reversal Enable
0 = Disabled
1=Enabled
PREN
POLREV
Smooth Polarity Reversal Ramp
Rate
0=1 V/125µs
1=2 V/125µs
RAMP
POLREV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com