Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 5Page - Silicon Laboratories SI3232 Datasheet HTML 6Page - Silicon Laboratories SI3232 Datasheet HTML 7Page - Silicon Laboratories SI3232 Datasheet HTML 8Page - Silicon Laboratories SI3232 Datasheet HTML 9Page - Silicon Laboratories SI3232 Datasheet HTML 10Page - Silicon Laboratories SI3232 Datasheet HTML 11Page - Silicon Laboratories SI3232 Datasheet HTML 12Page - Silicon Laboratories SI3232 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
Si3232
Preliminary Rev. 0.96
9
Noise Performance
Idle Channel Noise4
C-Message weighted
—
12
15
dBrnC
Psophometric weighted
—
–78
–75
dBmP
3 kHz flat
—
—
18
dBrn
PSRR from VDD1 – VDD4
RX and TX, dc to 3.4 kHz
40
—
—
dB
PSRR from VBAT
RX and TX, dc to 3.4 kHz
60
—
—
dB
Longitudinal Performance
Longitudinal to Metallic Bal-
ance (forward or reverse)
200 Hz to 1 kHz
58
63
—
dB
1 kHz to 3.4 kHz
53
58
—
dB
Metallic to Longitudinal Bal-
ance
200 Hz to 3.4 kHz
40
—
—
dB
Longitudinal Impedance5
200 Hz to 3.4 kHz at TIP or RING
Register-dependent
OBIAS/ABIAS
00 = 4 mA
01 = 8 mA
10 = 12 mA
11 = 16 mA
—
—
—
—
50
25
25
20
—
—
—
—
Ω
Ω
Ω
Ω
Longitudinal Current per Pin5
Active off-hook
200Hz to 3.4kHz
Register-dependent
OBIAS/ABIAS
00 = 4 mA
01 = 8 mA
10 = 12 mA
11 = 16 mA
—
—
—
—
4
8
8
10
—
—
—
—
mA
mA
mA
mA
Table 4. AC Characteristics (Continued)
(VDD, VDD1–VDD4 = 3.13 to 3.47 V, TA = 0 to 70 °C for K-Grade, –40 to 85 °C for B-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency will be smaller than the maximum value
specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. VDD = 3.3 V, VBAT = –52 V, no fuse resistors, RL = 600 Ω, ZS = 600 Ω synthesized using RS register coefficients.
4. The level of any unwanted tones within the bandwidth of 0 to 4 kHz will not exceed –55 dBm.
5. The OBIAS and ABIAS registers program the dc bias current through the SLIC in the on-hook transmission and off-
hook active conditions, respectively. This per-pin total current setting should be selected such that it can
accommodate the sum of the metallic and longitudinal currents through each of the TIP and RING leads for a given
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com