Electronic Components Datasheet Search
  English  ▼

X  

SI3232 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3232 Datasheet HTML 1Page - Silicon Laboratories SI3232 Datasheet HTML 2Page - Silicon Laboratories SI3232 Datasheet HTML 3Page - Silicon Laboratories SI3232 Datasheet HTML 4Page - Silicon Laboratories SI3232 Datasheet HTML 5Page - Silicon Laboratories SI3232 Datasheet HTML 6Page - Silicon Laboratories SI3232 Datasheet HTML 7Page - Silicon Laboratories SI3232 Datasheet HTML 8Page - Silicon Laboratories SI3232 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
Preliminary Rev. 0.96 2/05
Copyright © 2005 by Silicon Laboratories
Si3232
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si3232
DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
Features
Applications
Description
The Si3232 is a low-voltage CMOS SLIC that offers a low-cost, fully software-
programmable, dual-channel, analog telephone interface for customer premise
(CPE) applications. Internal ringing generation eliminates centralized ringers and
ringing relays, and on-chip subscriber loop testing allows remote line card and
loop diagnostics with no external test equipment or relays. The Si3232 performs
all programmable SLIC functions in compliance with all relevant LSSGR, ITU, and
ETSI specifications; all high-voltage functions are performed by the Si3200
linefeed interface IC. The Si3232 operates from a single 3.3 V supply and
interfaces to a standard SPI bus digital interface for control. The Si3200 operates
from a 3.3 V supply as well as high-voltage battery supplies up to 100 V. The
Si3232 is available in a 64-pin thin quad flat package (TQFP), and the Si3200 is
available in a thermally-enhanced 16-pin small-outline (SOIC) package.
Functional Block Diagram
Ideal for customer premise applications
Low standby power consumption:
<65 mW per channel
Internal balanced ringing to 65 Vrms
Software programmable parameters:
Ringing frequency, amplitude,
cadence, and waveshape
Two-wire ac impedance
DC loop feed (18–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
Automatic switching of up to three
battery supplies
On-hook transmission
Loop or ground start operation with
smooth/abrupt polarity reversal
SPI bus digital interface with
programmable interrupts
3.3 V operation
GR-909 loop diagnostics and
loopback testing
12 kHz/16 kHz pulse metering
Lead-free/RoHS compatible
packages available
Cable telephony
Wireless local loop
Voice over IP/voice over DSL
ISDN terminal adapters
Si3200
Linefeed
Interface
Si3200
Linefeed
Interface
TIP
RING
TIP
RING
INT RESET
SPI
Control
Interface
SCLK
SDI
CS
VRXPa
VRXNa
VTXPb
VTXNb
VTXPa
VTXNa
VRXPb
VRXNb
PLL
PCLK
Si3232
VCM
SDO
FSYNC
U.S. Patent #6,567,521
U.S. Patent #6,812,744
Other patents pending
Ordering Information
See page 122.


Similar Part No. - SI3232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
234Kb / 2P
Broadband AND Voice Telephony Solutions
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
More results

Similar Description - SI3232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
STMicroelectronics
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com