Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices LTM4650 Datasheet HTML 31Page - Analog Devices LTM4650 Datasheet HTML 32Page - Analog Devices LTM4650 Datasheet HTML 33Page - Analog Devices LTM4650 Datasheet HTML 34Page - Analog Devices LTM4650 Datasheet HTML 35Page - Analog Devices LTM4650 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LTM4652
32
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 32. LTM4652 2-Phase, 1V at 50A
(b) 25% Load Step Transient Response; 12VIN, 1.0VOUT,
50A per Above Circuit
(c) 12VIN, 1.0VOUT, 50A Bode Plot per Above Circuit
FREQUENCY (Hz)
4652 F32a
LTM4652
VIN
RUN1
RUN2
TRACK1
TRACK2
fSET
R5
90.9k
COUT1
220µF
4V
×8
PHASMD
VOUT1
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUT2
PGOOD2
PGOOD
MODE_PLLIN
INTVCC
PGOOD1
PGOOD
CFF
68pF
R2
10k
INTVCC
SGND
GND
DIFFN
DIFFP
DIFFOUT
CTH
6800pF
RTH
3.32k
R4
75k
C9
0.1µF
CIN
22µF
25V
×4
C10
4.7µF
INTVCC
VIN
4.5V TO 18V
VOUT
1V
±50A
RUN
LOAD
1V AT ±50A
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT, EXTVCC,
SW1, SW2, VOUTS2,
TEMP+, TEMP–,
VINOVP
100µs/DIV
4652 F32b
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com