Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices LTM4650 Datasheet HTML 14Page - Analog Devices LTM4650 Datasheet HTML 15Page - Analog Devices LTM4650 Datasheet HTML 16Page - Analog Devices LTM4650 Datasheet HTML 17Page - Analog Devices LTM4650 Datasheet HTML 18Page - Analog Devices LTM4650 Datasheet HTML 19Page - Analog Devices LTM4650 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTM4652
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In Equation 4, η% is the estimated efficiency of the power
module. The bulk capacitor can be a switcher-rated elec-
trolytic aluminum capacitor, Polymer capacitor.
Output Capacitors
The LTM4652 is designed for low output voltage rip-
ple noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output
voltage ripple and transient requirements. COUT can be a
low ESR tantalum capacitor, the low ESR polymer capac-
itor or ceramic capacitor. The typical output capacitance
range for each output is from 300µF to 800µF per output
channel. Additional output filtering may be required by
the system designer, if further reduction of output ripples
or dynamic transient spikes is required. Table 6 shows a
matrix of different output voltages and output capacitors
to minimize the voltage droop and overshoot during a
25% load step. In multi LTM4652 paralleling applications,
Table 6 RC compensation value is still valid in terms of
having one set of RC filters on each of the paralleling
modules while connecting all the COMP, FB and VOUT
pins together. See Figure 34 and Multiphase Operation
section. The table optimizes total equivalent ESR and
total bulk capacitance to optimize the transient perfor-
mance. Stability criteria are considered in the Table 6
matrix, and the Analog Devices LTpowerCAD Design Tool
provides for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as
a function of stability and transient response. The Analog
Devices µModule Power Design Tool can calculate the
output ripple reduction as the number of implemented
phases increases by N times. A small value 10Ω to 50Ω
resistor can be placed in series from VOUT to the VOUTS pin
to allow for a bode plot analyzer to inject a signal into the
control loop and validate the regulator stability. The same
resistor could be placed in series from VOUT to DIFFP and
a bode plot analyzer could inject a signal into the control
loop and validate the regulator stability.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4652 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE_PLLIN pin to INTVCC enables pulse-skipping
operation. At light loads the internal current compara-
tor may remain tripped for several cycles and force the
top MOSFET to stay off for several cycles, thus skipping
cycles. The inductor current does not reverse in this mode.
Applications with transient and/or sustained negative (sink-
ing) output current should operate the LTM4652 in forced
continuous mode, since there is no way for the control
loop to command reverse (negative) inductor current in
pulse-skipping operation except by deliberately allowing
the output voltage to rise high enough (~10% above nom-
inal regulation) to activate an output overvoltage response.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE_PLLIN pin to SGND. In this
mode, inductor current is allowed to reverse during low
output loads, the COMP voltage is in control of the current
comparator threshold throughout, and the top MOSFET
always turns on with each oscillator pulse. During start-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4652’s output
voltage is in regulation. Either regulator can be configured
for forced continuous mode.
Multiphase Operation
For output loads that demand more than ±25A of current,
two outputs in LTM4652 or even multiple LTM4652s can
be paralleled to run out of phase to provide more output
current without increasing input and output voltage ripples.
The MODE_PLLIN pin allows the LTM4652 to synchronize
to an external clock (between 300kHz* and 780kHz) and
the internal phase-locked-loop allows the LTM4652 to lock
*Note that synchronization below 400kHz is not tested in ATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com