Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices LTM4650 Datasheet HTML 31Page - Analog Devices LTM4650 Datasheet HTML 32Page - Analog Devices LTM4650 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTM4652
29
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 18, Figure 19
5, 12
Figure 15
0
None
8.0
Figure 18, Figure 19
5, 12
Figure 15
200
None
6.6
Figure 18, Figure 19
5, 12
Figure 15
400
None
5.6
Figure 20, Figure 21
5, 12
Figure 15
0
BGA Heat Sink
7.6
Figure 20, Figure 21
5, 12
Figure 15
200
BGA Heat Sink
5.9
Figure 20, Figure 21
5, 12
Figure 15
400
BGA Heat Sink
5.0
Table 3. 1.8V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 22, Figure 23
5, 12
Figure 16
0
None
8.0
Figure 22, Figure 23
5, 12
Figure 16
200
None
6.3
Figure 22, Figure 23
5, 12
Figure 16
400
None
5.3
Figure 24, Figure 25
5, 12
Figure 16
0
BGA Heat Sink
7.6
Figure 24, Figure 25
5, 12
Figure 16
200
BGA Heat Sink
5.5
Figure 24, Figure 25
5, 12
Figure 16
400
BGA Heat Sink
4.6
Table 4. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 26, Figure 27
5, 12
Figure 17
0
None
7.9
Figure 26, Figure 27
5, 12
Figure 17
200
None
6.0
Figure 26, Figure 27
5, 12
Figure 17
400
None
5.1
Figure 28, Figure 29
5, 12
Figure 17
0
BGA Heat Sink
7.6
Figure 28, Figure 29
5, 12
Figure 17
200
BGA Heat Sink
5.4
Figure 28, Figure 29
5, 12
Figure 17
400
BGA Heat Sink
4.2
Table 5. Heat Sink and Thermally Conductive Adhesive Tape Part Numbers
MANUFACTURER
DEVICE
PART NUMBER
WEBSITE
Boyd Corp.
Heat Sink
375424B00034G
www.boydcorp.com
Chomerics
Tape
T411
www.chomerics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com