Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTM4652
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
1.8V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
2.5V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
3.3V Dual Phase Single Output
Load Transient Response
(Ceramic Output Capacitor Only)
100µs/DIV
4652 G07
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 1.8VOUT, 500kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×8 CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
100µs/DIV
4652 G08
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 2.5VOUT, 500kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×8 CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
100µs/DIV
4652 G09
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 3.3VOUT, 600kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×8 CERAMIC CAP
RTH = 3.32k, CTH = 6800pF, CFF = 68pF
1.5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1.2V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
100µs/DIV
4652 G10
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 1VOUT, 300kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k
CTH = 4700pF, CFF = 10pF
100µs/DIV
4652 G11
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 1.2VOUT, 400kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k
CTH = 4700pF, CFF = 10pF
100µs/DIV
4652 G12
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 1.5VOUT, 400kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k
CTH = 4700pF, CFF = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com