Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4650
Description  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 22Page - Analog Devices LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LTM4652
26
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 15. 1.0VOUT Power Loss Curve
Figure 16. 1.8VOUT Power Loss Curve
Figure 17. 3.3VOUT and 5VOUT
Power Loss Curves
Figure 18. 12V to 1V Derating
Curve, No Heat Sink
Figure 19. 5V to 1V Derating
Curve, No Heat Sink
Figure 20. 12V to 1V Derating
Curve, BGA Heat Sink
Figure 21. 5V to 1V Derating
Curve, BGA Heat Sink
Figure 22. 12V to 1.8V Derating
Curve, No Heat Sink
Figure 23. 5V to 1.8V Derating
Curve, No Heat Sink
Switching frequency set per Table 6.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F18
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F19
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F21
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F22
VIN = 12V
VIN = 5V
LOAD CURRENT (A)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
1
2
3
4
5
6
7
8
9
10
4652 F15
VIN = 12V
VIN = 5V
LOAD CURRENT (A)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
1
2
3
4
5
6
7
8
9
10
11
12
4652 F16
VIN = 12V, VOUT = 5V
VIN = 12V, VOUT = 3.3V
VIN = 5V, VOUT = 3.3V
LOAD CURRENT (A)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
2
4
6
8
10
12
14
16
4652 F17
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
40
50
60
70
80
90 100 110 120
–50
–40
–30
–20
–10
0
10
20
30
40
50
4652 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com