Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
5.1 Absolute maximum ratings
When the MCU is in an unpowered state, current injected through the chip pins may bias internal chip structures
(for example, ESD diodes) and incorrectly power up these internal structures through inadvertent paths. The
presence of such residual voltage may influence different chip-internal blocks in an unpredictable manner and
may ultimately result in unpredictable chip behavior (for example, POR flag not set). Once in the illegal state,
powering up the chip further and then applying reset will clear the illegal state. Injection current specified for the
chip under the aspect of absolute maximum ratings represent the capability of the internal circuitry to withstand
such condition without causing physical damage. Functional operation of the chip under conditions - specified
as absolute maximum ratings - is not implied.
CAUTION
Functional operating conditions appear in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maximum values is not guaranteed. See footnotes in the following table
for specific conditions. Stress beyond the listed maximum values may affect device reliability or cause permanent
damage to the device. All the limits defined in the datasheet specification must be honored together and any
violation to any one or more will not guarantee desired operation. Unless otherwise specified, all maximum and
minimum values in the datasheet are across process, voltage, and temperature.
NOTE
The VDD_HV_B and V15 voltage supply domains are only present in certain devices and packages (S32K388, S32K358,
S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K341, S32K322).
The VDD_DCDC supply voltage is only present in certain devices and packages (S32K358, S32K348, S32K338, S32K328).
Table 2. Absolute maximum ratings
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
Main I/O and
analog supply
voltage 1, 2
-0.3
—
6.0
V
—
—
VDD_HV_B
Secondary I/O
supply voltage 1, 2
-0.3
—
6.0
V
—
—
VDD_DCDC
Supply voltage for
the SMPS gate
driver 1, 2
-0.3
—
6.0
V
—
—
V15
Voltage sensing
input 1, 2
-0.3
—
2.75
V
For S32K388
—
V15
High-current
logic supply
voltage 1, 2
-0.3
—
2.75
V
For S32K358,
S32K348, S32K338
and S32K328
—
V15
High-current
logic supply
voltage 1, 2
-0.3
—
6.0
V
For other S32K3xx
variants except
S32K388, S32K348,
S32K338 and S32K328
—
V25
Flash memory
supply (2.5 V),
internally regulated 1
-0.3
—
2.9
V
—
—
Table continues on the next page...
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
18 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com