Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
SLAVE MSB
SLAVE LSB OUT
BIT 6 ... 1
MSB IN
SS
(INPUT)
SPSCK
(CPOL = 0)
(INPUT)
SPSCK
(CPOL = 1)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
LSB IN
BIT 6 ... 1
3
5
5
7
10
8
11
6
12
13
12
13
4
2
9
11
Figure 40. LPSPI Slave Mode Timing (CPHA=0)
SLAVE
MSB OUT
SLAVE LSB OUT
BIT 6 ... 1
BIT 6 ... 1
SS
(INPUT)
SPSCK
(CPOL = 0)
(INPUT)
SPSCK
(CPOL = 1)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
LSB IN
MSB IN
3
5
5
7
6
11
10
8
12
13
12
13
4
2
9
Figure 41. LPSPI Slave Mode Timing (CPHA=1)
12.1.2 LPSPI0 20 MHz and 15 MHz Combinations
15 and 20 Mbps is supported on LPSPI0 only.
NOTE
Table 42. LPSPI0 20 MHz and 15 MHz Combinations
PORT
S32K344 PAD TYPE
SPI Signal
20Mbps (In loopback
mode only)
15 Mbps
PTB1
GPIO-Standard-plus
LPSPI0_SOUT
LPSPI0_SOUT
PTB0
GPIO-Standard-plus
LPSPI0_PCS0
LPSPI0_PCS0
PTC9
GPIO-Standard-plus
LPSPI0_SIN
LPSPI0_SIN
PTC8
GPIO-Standard-plus
LPSPI0_SCK
LPSPI0_SCK
PTD6
GPIO-Medium
LPSPI0_PCS0
LPSPI0_PCS0
PTD5
GPIO-Medium
LPSPI0_PCS1
LPSPI0_PCS1
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
99 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com