Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 137 page
background image
11.4 Fast External Oscillator (FXOSC)
Table 39. Fast External Oscillator (FXOSC)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FREQ_BYPASS
Input clock
frequency in bypass
mode 1
—
—
50
MHz
—
—
TRF_BYPASS
Input clock rise/fall
time in bypass
mode 1
—
—
5
ns
—
—
CLKIN_DUTY_
BYPASS
Input clock duty
cycle in bypass
mode 1
47.5
—
52.5
%
—
—
FXOSC_CLK
output clock
frequency in crystal
mode
8
—
40
MHz
—
—
TFXOSC
Fxosc start up
time (ALC enabled) 2
—
—
2
ms
—
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
—
—
1
mA
using 8, 16 or 40 MHz
crystal
—
GM
Amplifier
Transconductance
9.7
—
18.5
mA/V
GM_SEL[3:0] =
4`b1111
—
1. For bypass mode applications, the EXTAL pin should be driven low when FXOSC is in off/disabled state.
2. The startup time specification is valid only when the recommended crystal and load capacitors are used. For higher load
capacitances, the actual startup time might be higher.
To ensure stable oscillations, FXOSC incorporates the feedback resistance internally.
Drive level is a crystal specification and if crystal load capacitance is increased beyond the recommended value, it may violate
the crystal drive level rating. In such cases, contact NXP sales representative for selecting the correct crystal.
Crystal oscillator circuit provides stable oscillations when gmXOSC > 5 * gm_crit. The gm_crit is defined as:
gm_crit = 4 * (ESR + RS) * (2πF)2 * (C0 + CL)2
where:
• gmXOSC is the transconductance of the internal oscillator circuit
• ESR is the equivalent series resistance of the external crystal
• RS is the series resistance connected between XTAL pin and external crystal for current limitation
• F is the external crystal oscillation frequency
• C0 is the shunt capacitance of the external crystal
• CL is the external crystal total load capacitance. CL = Cs+ [C1*C2/(C1+C2)]
• Cs is stray or parasitic capacitance on the pin due to any PCB traces
• C1, C2 external load capacitances on EXTAL and XTAL pins
See manufacture datasheet for external crystal component values
Figure 36. Oscillation build-up equation
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
93 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com