Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 137 page
background image
6. I/O timing specifications are valid for the un-terminated transmission line reference load given in the figure below. A
lumped 8pF load is assumed at the end of a 5 inch microstrip trace on standard FR4 with approximately 1.5pF/inch (25pF
total with margin). For signals with frequency greater than 63MHz, a maximum 2 inch PCB trace is assumed.
7. To determine total switching current on any I/O supply, current values per output pin should not be incrementally summed.
I/O interfaces on the device are asynchronous to each other, so not all switching occurs at the same instant. Actual use
case must be considered.
RDSON
RPCB = RDSON
PCB
External
device
MCUsee note 1
RDSON
5 in.
(4 layer FR4)
CPCB = ~1.5 pF/inch * 5 inch = ~7.5 pF
CL = 8 pF
1. See IBIS models for further details.
Notes:
Figure 28. Reference Load Diagram
7.2 GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)
The leakage current on the GPIO pins is specified as a function of the pad type (Standard, Standard Plus, Medium, Fast, or GPI)
and the number of Analog functions (CMP and ADC channels) multiplexed per pin.
For S32K388, see the ILKG column in the Pinout section of the IOMUX file attached to the Reference Manual.
For other devices, the "Analog Function Count" is defined from the number of CMP and ADC channels multiplexed to a given
pin. This information can be obtained from the "Direct Signals" column in the IOMUX files attached to the Reference Manual. The
"Analog Function Count" is shown in the Condition column of the following table.
Table 22. GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VIH
Input high level DC
voltage threshold
0.65 x
VDD_HV
_A/B
—
VDD_HV
_A/B +
0.3
V
VDD_HV_A/B = 5.0V
—
VIL
Input low level DC
voltage threshold
VSS - 0.3 —
0.35 x
VDD_HV
_A/B
V
VDD_HV_A/B = 5.0V
—
WFRST
RESET Input filtered
pulse width 1
—
—
33
ns
—
—
WNFRST
RESET Input not
filtered pulse width 2
100
—
—
ns
—
—
ILKG_50_S0
5.0V input leakage
current for Standard
GPIO 3
-250
—
800
nA
Pins with Analog
Function Count = 0
—
ILKG_50_S1
5.0V input leakage
current for Standard
GPIO 3
-1300
—
1100
nA
Pins with Analog
Function Count = 1
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
72 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com