Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 137 page
background image
6.12 Operating mode
Table 19. STANDBY and low speed RUN configuration options
MODULE
STANDBY
All OFF
STANDBY
SIRC ON
STANDBY
FIRC ON
BOOT Mode
(OptionC1, FIRC
@24 MHz)
Low Speed RUN
(OptionE 1, FIRC
@ 3MHz)
FIRC Mode
(OptionD 1, FIRC
@48 MHz)
Core M7_0/1
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
HSE_B
OFF
OFF
OFF
24 MHz
3 MHz
48 MHz
FIRC
OFF
OFF
24 MHz
24 MHz
3 MHz
48 MHz
FXOSC
OFF
OFF
OFF
OFF
OFF
OFF
SIRC
OFF
ON
OFF
ON
ON
ON
PLL
OFF
OFF
OFF
OFF
OFF
OFF
Flash
OFF
OFF
OFF
ON
ON
ON
eDMA
OFF
OFF
OFF
ON
ON
ON
FlexCAN
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPUART
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPSPI
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPI2C
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
EMAC/GMAC
OFF
OFF
OFF
OFF
OFF
OFF
eMIOS
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
SAR_ADC
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
LPCMP
All OFF
All OFF
All OFF
All OFF
All OFF
All OFF
1. See clocking use case examples in the Clocking chapter of the S32K3xx Reference Manual.
Table 20. RUN mode configuration options
MODULE
Min.
Config.
(OptionF1)
, PLL@80
MHz
Min.
Config.
(OptionB1)
,
PLL@120
MHz
Min.
Config.
(OptionA1)
,
PLL@160
MHz
Config. 1
Dual Core
@160MHz
Config. 2
Single
Core
@160MHz
Config. 3
Dual Core
@120MHz
Config. 4
Single
Core
@120MHz
Config. 5
Single
Core
@80MHz
Config. 6
Triple Core
@240MHz
Core M7_0
80 MHz
120 MHz
160 MHz
160 MHz
160 MHz
120 MHz
120 MHz
80 MHz
240 MHz
Core M7_1
80 MHz
120 MHz
160 MHz
160 MHz
-
120 MHz
-
-
240 MHz
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
66 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com