Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
Table 18. Example RUN mode configuration supply currents (continued)
105, max 8
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
125, typ 7
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
125, max 8, 9
TBD
850
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
S32K344,
S32K324,
S32K314
25, typ 7
2.9
119
3.0
102
3.1
106
3.0
80
2.9
68
NA
0.6
25, max 8
3.3
133
3.3
115
3.5
119
3.4
92
3.4
79
0.7
85, typ 7
3.0
134
3.0
116
3.2
120
3.1
94
3.0
81.8
0.4
85, max 8
3.6
180
3.7
160
3.9
165
3.8
137
3.6
123
0.6
105, typ 7
3.0
145
3.1
128
3.2
132
3.1
105
3.0
93
0.5
105, max 8
3.8
222
3.9
203
4.0
208
3.9
179
3.6
165
0.6
125, typ 7
3.1
169
3.2
151
3.3
155
3.2
128
3.2
116
0.5
125, max 8, 9
4.3
271
4.3
250
4.5
256
4.4
226
4.2
213
0.6
S32K342,
S32K322,
S32K341
25, typ 7
2.9
115.3
3.0
93.2
3.0
96.1
3.0
79.6
2.8
64.1
NA
0.5
25, max 8
3.3
127.0
3.3
104.5
3.3
106.9
3.3
89.7
3.3
73.3
0.7
85, typ 7
2.9
125.0
3.0
102.7
3.0
105.8
3.0
89.2
2.9
73.6
0.5
85, max 8
3.6
178.8
3.6
126.5
3.6
132.0
3.6
105.0
3.5
92.5
0.7
105, typ 7
3.0
135.2
3.0
111.9
3.0
115.5
3.1
98.6
2.9
83.4
0.5
105, max 8
3.8
219.6
3.7
184.6
3.7
188.5
3.7
168.5
3.6
152.5
0.7
125, typ 7
3.1
145.8
3.1
123.8
3.1
127.3
3.1
110.2
3.0
94.7
0.5
125, max 8, 9
4.3
258.1
4.3
235.2
4.3
243.9
4.2
206.9
4.1
183.7
0.7
S32K312
25, typ 7
NA
NA
NA
54
NA
44
NA
NA
NA
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More